Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC08ADT Datasheet (PDF) - ON Semiconductor

MC74HC08ADT Datasheet PDF - ON Semiconductor
Part # MC74HC08ADT
Download  MC74HC08ADT Download

File Size   129.14 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input AND Gate

MC74HC08ADT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC08ADT Datasheet PDF - ON Semiconductor

Part # MC74HC08ADT
Download  MC74HC08ADT Click to download

File Size   129.14 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input AND Gate

MC74HC08ADT Datasheet (HTML) - ON Semiconductor

MC74HC08ADT Datasheet HTML 1Page - ON Semiconductor MC74HC08ADT Datasheet HTML 2Page - ON Semiconductor MC74HC08ADT Datasheet HTML 3Page - ON Semiconductor MC74HC08ADT Datasheet HTML 4Page - ON Semiconductor MC74HC08ADT Datasheet HTML 5Page - ON Semiconductor MC74HC08ADT Datasheet HTML 6Page - ON Semiconductor MC74HC08ADT Datasheet HTML 7Page - ON Semiconductor MC74HC08ADT Datasheet HTML 8Page - ON Semiconductor

MC74HC08ADT Product details

The MC74HC08A is identical in pinout to the LS08. The device inputs are compatible with Standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.



Features

• Output Drive Capability: 10 LSTTL Loads

• Outputs Directly Interface to CMOS, NMOS and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1 A

• High Noise Immunity Characteristic of CMOS Devices

• In Compliance With the JEDEC Standard No. 7A Requirements

• Chip Complexity: 24 FETs or 6 Equivalent Gates

• Pb−Free Packages are Available




Similar Part No. - MC74HC08ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC08ADTR2 ONSEMI-MC74HC08ADTR2 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC08ADTR2G ONSEMI-MC74HC08ADTR2G Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC08ADTR2G ONSEMI-MC74HC08ADTR2G Datasheet
125Kb / 7P
   Quad 2-Input AND Gate
October, 2013 ??Rev. 13
More results


Similar Description - MC74HC08ADT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com