Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTH7213B Datasheet (PDF) - Schneider Electric

UTH7213B Datasheet PDF - Schneider Electric
Part # UTH7213B
Download  UTH7213B Download

File Size   101.73 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description METER SOCKET RINGLESS LEVER OH/UG 200A 3PH

UTH7213B Datasheet (PDF)

Go To PDF Page Download Datasheet
UTH7213B Datasheet PDF - Schneider Electric

Part # UTH7213B
Download  UTH7213B Click to download

File Size   101.73 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description METER SOCKET RINGLESS LEVER OH/UG 200A 3PH

UTH7213B Datasheet (HTML) - Schneider Electric

UTH7213B Datasheet HTML 1Page - Schneider Electric UTH7213B Datasheet HTML 2Page - Schneider Electric



Similar Part No. - UTH7213B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
UTH7213C SCHNEIDER-UTH7213C Datasheet
57Kb / 2P
   METER SOCKET RINGLESS 200A LEVER HCP
UTH7213T SCHNEIDER-UTH7213T Datasheet
94Kb / 2P
   Individual meter socket, ringless socket, lever bypass, 4 jaws no release, OH, UG, 200 A, up to 600 VAC three phase 4W
UTH7213THL SCHNEIDER-UTH7213THL Datasheet
101Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A 3PH
UTH7213U SCHNEIDER-UTH7213U Datasheet
114Kb / 2P
   METER SOCKET RINGLESS LEVER 200A 3P LG HCP UL GRD CONN.
More results


Similar Description - UTH7213B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
UTH7213THL SCHNEIDER-UTH7213THL Datasheet
101Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A 3PH
UH7213BCCG SCHNEIDER-UH7213BCCG Datasheet
125Kb / 2P
   METER SOCKET RINGLESS 200A 3PH LEVER OH/UG
UH7213BCC SCHNEIDER-UH7213BCC Datasheet
125Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A 3PH
UTH5203B SCHNEIDER-UTH5203B Datasheet
113Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A
UTH4213T SCHNEIDER-UTH4213T Datasheet
96Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A
UTH5213T SCHNEIDER-UTH5213T Datasheet
98Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A
UTH7210T SCHNEIDER-UTH7210T Datasheet
105Kb / 2P
   METER SOCKET RINGLESS LEVER OH/US 200A 3PH
UTH4213B SCHNEIDER-UTH4213B Datasheet
57Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A 1PH
UTH4210B SCHNEIDER-UTH4210B Datasheet
114Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A 1PH
UGTH4213T SCHNEIDER-UGTH4213T Datasheet
106Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A 1PH
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com