Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTRS213A Datasheet (PDF) - Schneider Electric

UTRS213A Datasheet PDF - Schneider Electric
Part # UTRS213A
Download  UTRS213A Download

File Size   122.22 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description METER SOCKET RINGLESS UG 200A

UTRS213A Datasheet (PDF)

Go To PDF Page Download Datasheet
UTRS213A Datasheet PDF - Schneider Electric

Part # UTRS213A
Download  UTRS213A Click to download

File Size   122.22 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description METER SOCKET RINGLESS UG 200A

UTRS213A Datasheet (HTML) - Schneider Electric

UTRS213A Datasheet HTML 1Page - Schneider Electric UTRS213A Datasheet HTML 2Page - Schneider Electric



Similar Part No. - UTRS213A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
UTRS213AFL SCHNEIDER-UTRS213AFL Datasheet
130Kb / 2P
   Individual meter socket, ringless socket, no bypass, 4 jaws no release, UG, 200 A, up to 600 VAC single phase 3W
More results


Similar Description - UTRS213A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
UTRS223A SCHNEIDER-UTRS223A Datasheet
156Kb / 2P
   METER SOCKET RINGLESS UG 200A
U92197CCCPL SCHNEIDER-U92197CCCPL Datasheet
108Kb / 2P
   METER SOCKET RINGLESS OH/UG 200A
URS212ADQ SCHNEIDER-URS212ADQ Datasheet
57Kb / 2P
   METER SOCKET RINGLESS HORN UG 200A
UHTRS212B SCHNEIDER-UHTRS212B Datasheet
118Kb / 2P
   METER SOCKET RINGLESS HORN OH/UG 200A
UHTRP242363 SCHNEIDER-UHTRP242363 Datasheet
74Kb / 2P
   METER SOCKET RINGLESS HORN UG PED 200A
UTH5203B SCHNEIDER-UTH5203B Datasheet
113Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A
UTH4213T SCHNEIDER-UTH4213T Datasheet
96Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A
UTH5213T SCHNEIDER-UTH5213T Datasheet
98Kb / 2P
   METER SOCKET RINGLESS LEVER OH/UG 200A
UHTRS213B SCHNEIDER-UHTRS213B Datasheet
110Kb / 2P
   METER SOCKET RINGLESS HORN OH/UG 200A
UGHTRS213B SCHNEIDER-UGHTRS213B Datasheet
103Kb / 2P
   METER SOCKET RINGLESS HORN OH/UG 200A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com