Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT245A Datasheet (PDF) - ON Semiconductor

MC74HCT245A Datasheet PDF - ON Semiconductor
Part # MC74HCT245A
Download  MC74HCT245A Download

File Size   180.61 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs

MC74HCT245A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HCT245A Datasheet PDF - ON Semiconductor

Part # MC74HCT245A
Download  MC74HCT245A Click to download

File Size   180.61 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs

MC74HCT245A Datasheet (HTML) - ON Semiconductor

MC74HCT245A Datasheet HTML 1Page - ON Semiconductor MC74HCT245A Datasheet HTML 2Page - ON Semiconductor MC74HCT245A Datasheet HTML 3Page - ON Semiconductor MC74HCT245A Datasheet HTML 4Page - ON Semiconductor MC74HCT245A Datasheet HTML 5Page - ON Semiconductor MC74HCT245A Datasheet HTML 6Page - ON Semiconductor MC74HCT245A Datasheet HTML 7Page - ON Semiconductor MC74HCT245A Datasheet HTML 8Page - ON Semiconductor

MC74HCT245A Product details

Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs

High−Performance Silicon−Gate CMOS



The MC74HCT245A is identical in pinout to the LS245. This device may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. The MC74HCT245A is a 3−state noninverting transceiver that is used for 2−way asynchronous communication between data buses. The device has an active−low Output Enable pin, which is used to place the I/O ports into high−impedance states. The Direction control determines whether data flows from A to B or from B to A.



Features

• Output Drive Capability: 15 LSTTL Loads

• TTL/NMOS Compatible Input Levels

• Outputs Directly Interface to CMOS, NMOS and TTL

• Operating Voltage Range: 4.5 V to 5.5 V

• Low Input Current: 1.0 µA

• In Compliance with the Requirements Defined by JEDEC Standard No. 7 A

• Chip Complexity: 304 FETs or 76 Equivalent Gates

• These Devices are Pb−Free and are RoHS Compliant



 




Similar Part No. - MC74HCT245A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT245A ONSEMI-MC74HCT245A Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT245A ONSEMI-MC74HCT245A Datasheet
153Kb / 9P
   Octal 3-State Noninverting Bus Transceiver
May, 2011 ??Rev. 12
MC74HCT245ADT ONSEMI-MC74HCT245ADT Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT245ADTG ONSEMI-MC74HCT245ADTG Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT245ADTG ONSEMI-MC74HCT245ADTG Datasheet
153Kb / 9P
   Octal 3-State Noninverting Bus Transceiver
May, 2011 ??Rev. 12
More results


Similar Description - MC74HCT245A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HCT245DTR2G ONSEMI-74HCT245DTR2G Datasheet
105Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs
May, 2007 - Rev. 0
MC74HCT245A ONSEMI-MC74HCT245A_07 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573A ONSEMI-MC74HCT573A_14 Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373ADWR2G ONSEMI-MC74HCT373ADWR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573ADWG ONSEMI-MC74HCT573ADWG Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HCT573A MOTOROLA-MC74HCT573A Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com