Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT574AN Datasheet (PDF) - ON Semiconductor

MC74HCT574AN Datasheet PDF - ON Semiconductor
Part # MC74HCT574AN
Download  MC74HCT574AN Download

File Size   162.02 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs

MC74HCT574AN Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HCT574AN Datasheet PDF - ON Semiconductor

Part # MC74HCT574AN
Download  MC74HCT574AN Click to download

File Size   162.02 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs

MC74HCT574AN Datasheet (HTML) - ON Semiconductor

MC74HCT574AN Datasheet HTML 1Page - ON Semiconductor MC74HCT574AN Datasheet HTML 2Page - ON Semiconductor MC74HCT574AN Datasheet HTML 3Page - ON Semiconductor MC74HCT574AN Datasheet HTML 4Page - ON Semiconductor MC74HCT574AN Datasheet HTML 5Page - ON Semiconductor MC74HCT574AN Datasheet HTML 6Page - ON Semiconductor MC74HCT574AN Datasheet HTML 7Page - ON Semiconductor MC74HCT574AN Datasheet HTML 8Page - ON Semiconductor

MC74HCT574AN Product details

Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs

High−Performance Silicon−Gate CMOS



The MC74HCT574A is identical in pinout to the LS574. This device may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.

Data meeting the setup time is clocked to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip−flops, but when Output Enable is high, all device outputs are forced to the high−impedance state. Thus, data may be stored even when the outputs are not enabled.

The HCT574A is identical in function to the HCT374A but has the flip−flop inputs on the opposite side of the package from the outputs to facilitate PC board layout.



Features

• Output Drive Capability: 15 LSTTL Loads

• TTL NMOS Compatible Input Levels

• Outputs Directly Interface to CMOS, NMOS and TTL

• Operating Voltage Range: 4.5 to 5.5 V

• Low Input Current: 1.0 μA

• In Compliance with the Requirements Defined by JEDEC Standard No. 7 A

• Chip Complexity: 286 FETs or 71.5 Equivalent Gates

• These Devices are Pb−Free and are RoHS Compliant



 




Similar Part No. - MC74HCT574AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574AN ONSEMI-MC74HCT574AN Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT574ANG ONSEMI-MC74HCT574ANG Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT574ANG ONSEMI-MC74HCT574ANG Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
More results


Similar Description - MC74HCT574AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT374A ONSEMI-MC74HCT374A_14 Datasheet
122Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
MC74HCT374A ONSEMI-MC74HCT374A Datasheet
185Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT374A ONSEMI-MC74HCT374A_11 Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com