Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX02 Datasheet (PDF) - ON Semiconductor

MC74LCX02 Datasheet PDF - ON Semiconductor
Part # MC74LCX02
Download  MC74LCX02 Download

File Size   135.36 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE

MC74LCX02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX02 Datasheet PDF - ON Semiconductor

Part # MC74LCX02
Download  MC74LCX02 Click to download

File Size   135.36 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE

MC74LCX02 Datasheet (HTML) - ON Semiconductor

MC74LCX02 Datasheet HTML 1Page - ON Semiconductor MC74LCX02 Datasheet HTML 2Page - ON Semiconductor MC74LCX02 Datasheet HTML 3Page - ON Semiconductor MC74LCX02 Datasheet HTML 4Page - ON Semiconductor MC74LCX02 Datasheet HTML 5Page - ON Semiconductor MC74LCX02 Datasheet HTML 6Page - ON Semiconductor MC74LCX02 Datasheet HTML 7Page - ON Semiconductor

MC74LCX02 Product details

Low-Voltage CMOS Quad 2-Input NOR Gate
With 5 V−Tolerant Inputs
   
The MC74LCX02 is a high performance, quad 2−input NOR gate operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX02 inputs to be safely driven from 5 V devices.
Current drive capability is 24 mA at the outputs.
   
Features
• Designed for 2.3 V to 3.6 V VCC Operation
• 5 V Tolerant Inputs − Interface Capability With 5 V TTL Logic
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current (10 μA) Substantially Reduces
    System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance: Human Body Model >2000 V;
                                 Machine Model >200 V
• Pb−Free Packages are Available*
   




Similar Part No. - MC74LCX02

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
logo
Motorola, Inc
MC74LCX02D MOTOROLA-MC74LCX02D Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02D ONSEMI-MC74LCX02D Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
More results


Similar Description - MC74LCX02

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
Motorola, Inc
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad 2-input NOR Gate
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com