Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSP05XDSE20A1 Datasheet (PDF) - Schneider Electric

SSP05XDSE20A1 Datasheet PDF - Schneider Electric
Part # SSP05XDSE20A1
Download  SSP05XDSE20A1 Download

File Size   135.71 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 200kA

SSP05XDSE20A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP05XDSE20A1 Datasheet PDF - Schneider Electric

Part # SSP05XDSE20A1
Download  SSP05XDSE20A1 Click to download

File Size   135.71 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 200kA

SSP05XDSE20A1 Datasheet (HTML) - Schneider Electric

SSP05XDSE20A1 Datasheet HTML 1Page - Schneider Electric SSP05XDSE20A1 Datasheet HTML 2Page - Schneider Electric



Similar Part No. - SSP05XDSE20A1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP05XDSE20A SCHNEIDER-SSP05XDSE20A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 200kA
More results


Similar Description - SSP05XDSE20A1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP05XDSE20A SCHNEIDER-SSP05XDSE20A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 200kA
SSP06XDSE20A1 SCHNEIDER-SSP06XDSE20A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 200kA
SSP05XDSE10A1 SCHNEIDER-SSP05XDSE10A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 100kA
SSP05XDSE15A1 SCHNEIDER-SSP05XDSE15A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 150kA
SSP06XDSE20A SCHNEIDER-SSP06XDSE20A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 240V Delta - 3PH - 3 Wire - 200kA
SSP05XDSE10A SCHNEIDER-SSP05XDSE10A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 100kA
SSP05XDSE15A SCHNEIDER-SSP05XDSE15A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 150kA
SSP06XDSE15A1 SCHNEIDER-SSP06XDSE15A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 150kA
SSP09XDSE10A1 SCHNEIDER-SSP09XDSE10A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 600V Delta - 3PH - 3 Wire - 100kA
SSP02XDSE20A1 SCHNEIDER-SSP02XDSE20A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 208Y/120V - 3PH - 4 Wire - 200kA
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com