Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR4IMA24C1 Datasheet (PDF) - Schneider Electric

HR4IMA24C1 Datasheet PDF - Schneider Electric
Part # HR4IMA24C1
Download  HR4IMA24C1 Download

File Size   153.83 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - IMA - HR - 240kA - 480Y/277VAC - 3P4W - T1

HR4IMA24C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HR4IMA24C1 Datasheet PDF - Schneider Electric

Part # HR4IMA24C1
Download  HR4IMA24C1 Click to download

File Size   153.83 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - IMA - HR - 240kA - 480Y/277VAC - 3P4W - T1

HR4IMA24C1 Datasheet (HTML) - Schneider Electric

HR4IMA24C1 Datasheet HTML 1Page - Schneider Electric HR4IMA24C1 Datasheet HTML 2Page - Schneider Electric



Similar Part No. - HR4IMA24C1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HR4IMA24C SCHNEIDER-HR4IMA24C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 480Y/277VAC - 3P4W - T2
More results


Similar Description - HR4IMA24C1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HR4IMA24C SCHNEIDER-HR4IMA24C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 480Y/277VAC - 3P4W - T2
TVS4IMA24O1 SCHNEIDER-TVS4IMA24O1 Datasheet
93Kb / 2P
   Surge Protect - IMA - 240kA - 480Y/277VAC - 3P4W - T1
HR4IMA12C1 SCHNEIDER-HR4IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 480Y/277VAC - 3P4W - T1
HR4IMA16C1 SCHNEIDER-HR4IMA16C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 480Y/277VAC - 3P4W - T1
HL4IMA24C1 SCHNEIDER-HL4IMA24C1 Datasheet
148Kb / 2P
   Surge Protect - IMA - HL - 240kA - 480Y/277VAC - 3P4W - T1
TVS4HIMA24O SCHNEIDER-TVS4HIMA24O Datasheet
95Kb / 2P
   Surge Protect - IMA - 240kA - 480Y/277VAC - 3P4W - T2
HR4IMA12C SCHNEIDER-HR4IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 480Y/277VAC - 3P4W - T2
SSP04EMA24 SCHNEIDER-SSP04EMA24 Datasheet
121Kb / 2P
   Surge Protect - EMA - 240kA - 480Y/277VAC - 3P4W - T1
HR4IMA16C SCHNEIDER-HR4IMA16C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 480Y/277VAC - 3P4W - T2
TVS4IMA12O1 SCHNEIDER-TVS4IMA12O1 Datasheet
101Kb / 2P
   Surge Protect - IMA - 120kA - 480Y/277VAC - 3P4W - T1
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com