Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMPA2263 Datasheet (PDF) - Fairchild Semiconductor

RMPA2263 Datasheet PDF - Fairchild Semiconductor
Part # RMPA2263
Download  RMPA2263 Download

File Size   135.74 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description WCDMA Power Amplifier Module 1920-1980 MHz

RMPA2263 Datasheet (PDF)

Go To PDF Page Download Datasheet
RMPA2263 Datasheet PDF - Fairchild Semiconductor

Part # RMPA2263
Download  RMPA2263 Click to download

File Size   135.74 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description WCDMA Power Amplifier Module 1920-1980 MHz

RMPA2263 Datasheet (HTML) - Fairchild Semiconductor

RMPA2263 Datasheet HTML 1Page - Fairchild Semiconductor RMPA2263 Datasheet HTML 2Page - Fairchild Semiconductor RMPA2263 Datasheet HTML 3Page - Fairchild Semiconductor RMPA2263 Datasheet HTML 4Page - Fairchild Semiconductor RMPA2263 Datasheet HTML 5Page - Fairchild Semiconductor RMPA2263 Datasheet HTML 6Page - Fairchild Semiconductor RMPA2263 Datasheet HTML 7Page - Fairchild Semiconductor

RMPA2263 Product details

General Description
The RMPA2263 Power Amplifier Module (PAM) is Fairchild’s latest innovation in 50 Ohm matched, surface mount modules targeting UMTS/WCDMA/HSDPA applications. Answering the call for ultra-low DC power consumption and extended battery life in portable electronics, the RMPA2263 uses novel proprietary circuitry to dramatically reduce amplifier current at low to medium RF output power levels (< +16 dBm), where the handset most often operates. A simple two-state Vmode control is all that is needed to reduce operating current by more than 50% at 16 dBm output power, and quiescent current (Iccq) by as much as 70% compared to traditional power-saving methods. No additional circuitry, such as DC-to-DC converters, are required to achieve this remarkable improvement in amplifier efficiency.

Features
■ 40% WCDMA efficiency at +28 dBm Pout
■ 14% WCDMA efficiency (85 mA total current) at +16 dBm Pout
■ Linear operation in low-power mode up to +19 dBm
■ Low quiescent current (Iccq): 25 mA in low-power mode
■ Meets UMTS/WCDMA performance requirements
■ Meets HSDPA performance requirements
■ Single positive-supply operation with low power and shutdown modes
    – 3.4V typical Vcc operation
    – Low Vref (2.85V) compatible with advanced handset chipsets
■ Compact Lead-free compliant LCC package – (4.0 x 4.0 x 1.5 mm nominal)
■ Industry standard pinout
■ Internally matched to 50 Ohms and DC blocked RF input/output




Similar Part No. - RMPA2263

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2265 FAIRCHILD-RMPA2265 Datasheet
611Kb / 12P
   Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz
RMPA2266 FAIRCHILD-RMPA2266 Datasheet
198Kb / 7P
   WCDMA Band I Power Amplifier Module
More results


Similar Description - RMPA2263

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77185 SKYWORKS-SKY77185 Datasheet
68Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA (1920-1980 MHz)
SKY77174 SKYWORKS-SKY77174 Datasheet
92Kb / 2P
   Power Amplifier Module for WCDMA/HSDPA(1920-1980 MHz)
SKY77173 SKYWORKS-SKY77173 Datasheet
46Kb / 2P
   AutoSmart Power Amplifier Module for WCDMA(1920-1980 MHz)
SKY77171 SKYWORKS-SKY77171 Datasheet
206Kb / 9P
   AutoSmart??Power Amplifier Module for WCDMA (1920-1980 MHz)
SKY77186 SKYWORKS-SKY77186 Datasheet
69Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band I (1920-1980 MHz)
logo
Fairchild Semiconductor
RMPA2265 FAIRCHILD-RMPA2265 Datasheet
611Kb / 12P
   Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz
logo
Skyworks Solutions Inc.
SKY77701 SKYWORKS-SKY77701 Datasheet
74Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band I (1920-1980 MHz)
SKY77182 SKYWORKS-SKY77182_09 Datasheet
105Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA(1920??980 MHz)
SKY77437 SKYWORKS-SKY77437 Datasheet
68Kb / 2P
   Front-End Module for WCDMA / HSDPA / HSUPA (TX 1920-1980 MHz), (RX 2110-2170 MHz)
SKY77433 SKYWORKS-SKY77433 Datasheet
370Kb / 11P
   Front-End Module for WCDMA / HSDPA / HSUPA (Tx 1920-1980 MHz), (Rx 2110-2170 MHz)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com