Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC14 Datasheet (PDF) - Motorola, Inc

MC74VHC14 Datasheet PDF - Motorola, Inc
Part # MC74VHC14
Download  MC74VHC14 Download

File Size   143.43 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Hex Schmitt Inverter

MC74VHC14 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC14 Datasheet PDF - Motorola, Inc

Part # MC74VHC14
Download  MC74VHC14 Click to download

File Size   143.43 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Hex Schmitt Inverter

MC74VHC14 Datasheet (HTML) - Motorola, Inc

MC74VHC14 Datasheet HTML 1Page - Motorola, Inc MC74VHC14 Datasheet HTML 2Page - Motorola, Inc MC74VHC14 Datasheet HTML 3Page - Motorola, Inc MC74VHC14 Datasheet HTML 4Page - Motorola, Inc MC74VHC14 Datasheet HTML 5Page - Motorola, Inc MC74VHC14 Datasheet HTML 6Page - Motorola, Inc

MC74VHC14 Product details

The MC74VHC14 is an advanced high speed CMOS Schmitt inverter fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
Pin configuration and function are the same as the MC74VHC04, but the inputs have hysteresis and, with its Schmitt trigger function, the VHC14 can be used as a line receiver which will receive slow input signals.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems.

• High Speed: tPD = 5.5ns (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.8V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 60 FETs or 15 Equivalent Gates




Similar Part No. - MC74VHC14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
   Hex Schmitt Inverter
February, 2006 ??Rev. 9
MC74VHC14D ONSEMI-MC74VHC14D Datasheet
83Kb / 7P
   Hex Schmitt Inverter
February, 2006 ??Rev. 9
MC74VHC14DG ONSEMI-MC74VHC14DG Datasheet
83Kb / 7P
   Hex Schmitt Inverter
February, 2006 ??Rev. 9
MC74VHC14DG ONSEMI-MC74VHC14DG Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
MC74VHC14DR2 ONSEMI-MC74VHC14DR2 Datasheet
83Kb / 7P
   Hex Schmitt Inverter
February, 2006 ??Rev. 9
More results


Similar Description - MC74VHC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com