Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G01DFT1G Datasheet (PDF) - ON Semiconductor

MC74VHC1G01DFT1G Datasheet PDF - ON Semiconductor
Part # MC74VHC1G01DFT1G
Download  MC74VHC1G01DFT1G Download

File Size   78.66 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Input NAND Gate with Open Drain Output

MC74VHC1G01DFT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1G01DFT1G Datasheet PDF - ON Semiconductor

Part # MC74VHC1G01DFT1G
Download  MC74VHC1G01DFT1G Click to download

File Size   78.66 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Input NAND Gate with Open Drain Output

MC74VHC1G01DFT1G Datasheet (HTML) - ON Semiconductor

MC74VHC1G01DFT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 6Page - ON Semiconductor

MC74VHC1G01DFT1G Product details

The MC74VHC1G01 / MC74VHC1GT01 is a 2−input NAND gate with an open drain output in tiny footprint packages. The MC74VHC1G01 has CMOS−level input thresholds while the MC74VHC1GT01 has TTL−level inputs.

Features
• Designed for 2.0 V to 5.5 V VCC Operation
• 3.5 ns tPD at 5 V (typ)
• Inputs/Outputs Over−Voltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 8 mA at 3.0 V
• Available in SC−88A, SC−74A, TSOP−5, SOT−553, SOT−953 and UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - MC74VHC1G01DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
MC74VHC1G01DFT1G-L22038 ONSEMI-MC74VHC1G01DFT1G-L22038 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results


Similar Description - MC74VHC1G01DFT1G

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
Toshiba Semiconductor
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com