Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA60CA Datasheet (PDF) - Littelfuse

SA60CA Datasheet PDF - Littelfuse
Part # SA60CA
Download  SA60CA Download

File Size   126.22 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors

SA60CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SA60CA Datasheet PDF - Littelfuse

Part # SA60CA
Download  SA60CA Click to download

File Size   126.22 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors

SA60CA Datasheet (HTML) - Littelfuse

SA60CA Datasheet HTML 1Page - Littelfuse SA60CA Datasheet HTML 2Page - Littelfuse SA60CA Datasheet HTML 3Page - Littelfuse SA60CA Datasheet HTML 4Page - Littelfuse

SA60CA Product details

Description
The SA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
• 500W peak pulse capability at 10/1000μs waveform, repetition rate
   (duty cycles):0.01%
• VBR @ TJ= VBR@25°C x (1+α T x (TJ - 25))
   (α T:Temperature Coeffcient, typical value is 0.1%)
• Glass passivated chip junction in DO-15 Package
• Fast response time: typically less than 1.0ps from 0 Volts to BV min
• Excellent clamping capability
• Typical failure mode is short from over-specifed voltage or current
• Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c
• IEC-61000-4-2 ESD 30kV(Air), 30kV (Contact)
• ESD protection of data lines in accordance with IEC 61000-4-2
• EFT protection of data lines in accordance with IEC 61000-4-4
• Low incremental surge resistance
• Typical IR less than 1μA when VBR max>13V
• High temperature to reflow soldering guaranteed:
   260°C/40sec/0.375”,(9.5mm) lead length, 5 lbs., (2.3kg) tension
• Plastic package is flammability rated V-0 per Underwriters Laboratories
• Matte tin lead–free plated
• Halogen free and RoHS compliant
• Pb-free E3 means 2nd level interconnect is Pb-free and
   the terminal fnish material is tin(Sn) (IPC/JEDEC J-STD-609A.01)

Applications
   TVS devices are ideal for the protection of I/O interfaces,
   VCC bus and other vulnerable circuits used in telecom,
   computer, industrial and consumer electronic applications.




Similar Part No. - SA60CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60CA PANJIT-SA60CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shenzhen Luguang Electr...
SA60CA LUGUANG-SA60CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA60CA YANGJIE-SA60CA Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA60CA WTE-SA60CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SA60CA MERITEK-SA60CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
More results


Similar Description - SA60CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com