Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q2010R4 Datasheet (PDF) - Littelfuse

Q2010R4 Datasheet PDF - Littelfuse
Part # Q2010R4
Download  Q2010R4 Download

File Size   230.72 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Triacs (0.8 A to 35 A)

Q2010R4 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q2010R4 Datasheet PDF - Littelfuse

Part # Q2010R4
Download  Q2010R4 Click to download

File Size   230.72 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Triacs (0.8 A to 35 A)

Q2010R4 Datasheet (HTML) - Littelfuse

Q2010R4 Datasheet HTML 1Page - Littelfuse Q2010R4 Datasheet HTML 2Page - Littelfuse Q2010R4 Datasheet HTML 3Page - Littelfuse Q2010R4 Datasheet HTML 4Page - Littelfuse Q2010R4 Datasheet HTML 5Page - Littelfuse Q2010R4 Datasheet HTML 6Page - Littelfuse Q2010R4 Datasheet HTML 7Page - Littelfuse Q2010R4 Datasheet HTML 8Page - Littelfuse Q2010R4 Datasheet HTML 9Page - Littelfuse Q2010R4 Datasheet HTML 10Page - Littelfuse

Q2010R4 Product details

General Description
These gated triacs from Teccor Electronics are part of a broad line of bidirectional semiconductors. The devices range in current ratings from 0.8 A to 35 A and in voltages from 200 V to 1000 V.

Features
• RoHS Compliant
• Electrically-isolated packages
• Glass-passivated junctions
• Voltage capability — up to 1000 V
• Surge capability — up to 200 A

Compak Package
• Surface mount package — 0.8 A and 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500
   devices per reel
• Can replace SOT-223




Similar Part No. - Q2010R4

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q2010RH5 TECCOR-Q2010RH5 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
Q2010RH5 LITTELFUSE-Q2010RH5 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
More results


Similar Description - Q2010R4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com