Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2529883 Datasheet (PDF) - Intersil Corporation

HA-2529883 Datasheet PDF - Intersil Corporation
Part # HA-2529883
Download  HA-2529883 Download

File Size   88.15 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Uncompensated, High Slew Rate High Output Current, Operational Amplifier

HA-2529883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2529883 Datasheet PDF - Intersil Corporation

Part # HA-2529883
Download  HA-2529883 Click to download

File Size   88.15 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Uncompensated, High Slew Rate High Output Current, Operational Amplifier

HA-2529883 Datasheet (HTML) - Intersil Corporation

HA-2529883 Datasheet HTML 1Page - Intersil Corporation HA-2529883 Datasheet HTML 2Page - Intersil Corporation HA-2529883 Datasheet HTML 3Page - Intersil Corporation HA-2529883 Datasheet HTML 4Page - Intersil Corporation HA-2529883 Datasheet HTML 5Page - Intersil Corporation HA-2529883 Datasheet HTML 6Page - Intersil Corporation HA-2529883 Datasheet HTML 7Page - Intersil Corporation HA-2529883 Datasheet HTML 8Page - Intersil Corporation HA-2529883 Datasheet HTML 9Page - Intersil Corporation

HA-2529883 Product details

Description
The HA-2529/883 is a monolithic operational amplifier which typifies excellence of design. With a design based on years of experience coupled with the reliable dielectric isolation process, these amplifiers provide an outstanding combination of DC and AC parameters at closed loop gains of 3 or greater without external compensation.

Features
• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . 135V/µs (Min) 150V/µs (Typ)
• High Output Current . . . . . . . . . . . . . . . . . ±30mA (Min)
• High Gain-Bandwidth Product . . . . . . . . . 15MHz (Min) 20MHz(Typ)
• Wide Power Bandwidth . . . . . . . . . . . . . . . 2.1MHz (Min)
• High Input Impedance . . . . . . . . . . . . . . . . . 50MΩ (Min) 130MΩ (Typ)
• Low Offset Current . . . . . . . . . . . . . . . . . . . 25nA (Max) 5nA (Typ)
• Fast Settling (10V Step to 0.1%) . . . . . . . . . . . 200ns (Typ)
• Low Quiescent Supply Current . . . . . . . . . . 6mA (Max)

Applications
• Data Acquisition Systems
• RF Amplifiers
• Video Amplifiers
• Signal Generators
• Pulse Amplification



Similar Part No. - HA-2529883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2529 INTERSIL-HA-2529 Datasheet
401Kb / 8P
   20MHz, High Input Impedance, High Slew Rate Operational Amplifier
More results

Similar Description - HA-2529883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com