Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXB-4089 Datasheet (PDF) - List of Unclassifed Manufacturers

SXB-4089 Datasheet PDF - List of Unclassifed Manufacturers
Part # SXB-4089
Download  SXB-4089 Download

File Size   184.01 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 400-2500 MHz 1/2 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias

SXB-4089 Datasheet (PDF)

Go To PDF Page Download Datasheet
SXB-4089 Datasheet PDF - List of Unclassifed Manufacturers

Part # SXB-4089
Download  SXB-4089 Click to download

File Size   184.01 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 400-2500 MHz 1/2 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias

SXB-4089 Datasheet (HTML) - List of Unclassifed Manufacturers

SXB-4089 Datasheet HTML 1Page - List of Unclassifed Manufacturers SXB-4089 Datasheet HTML 2Page - List of Unclassifed Manufacturers SXB-4089 Datasheet HTML 3Page - List of Unclassifed Manufacturers SXB-4089 Datasheet HTML 4Page - List of Unclassifed Manufacturers SXB-4089 Datasheet HTML 5Page - List of Unclassifed Manufacturers SXB-4089 Datasheet HTML 6Page - List of Unclassifed Manufacturers SXB-4089 Datasheet HTML 7Page - List of Unclassifed Manufacturers SXB-4089 Datasheet HTML 8Page - List of Unclassifed Manufacturers

SXB-4089 Product details

[Sirenza]

Product Description
Sirenza Microdevices’ SXB-4089 amplifier is a high efficiency InGaP/ GaAs Heterojunction Bipolar Transistor (HBT) MMIC housed in low-cost, surface mountable plastic package.
These amplifiers are specially designed for use as driver devices for infrastructure equipment in the 400-2500 MHz cellular, ISM, WLL, PCS, WCDMA applications.
Its high linearity makes it an ideal choice for multi-carrier as well as digital applications.

Product Features
• On-chip Active Bias Control, Single 5V Supply
• High Output 3rd Order Intercept:
   +45 dBm typ.
• High P1dB : +28 dBm typ.
• High Gain: +20 dB at 880 MHz
• Low Rth: 25°C/W typ.
• Robust 2000V ESD, Class 2

Applications
• W-CDMA, PCS, Cellular Systems
• Multi-Carrier Applications




Similar Part No. - SXB-4089

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SXB-4089 SIRENZA-SXB-4089 Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
logo
NXP Semiconductors
SXB-4089 NXP-SXB-4089 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
SIRENZA MICRODEVICES
SXB-4089Z SIRENZA-SXB-4089Z Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
More results


Similar Description - SXB-4089

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SXB-4089 SIRENZA-SXB-4089 Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
SXA-3318B ETC-SXA-3318B Datasheet
816Kb / 8P
   400-2500 MHz Balanced 1/2 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389 SIRENZA-SXA-389 Datasheet
131Kb / 7P
   400-2500 MHz 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SXA-389 ETC-SXA-389 Datasheet
222Kb / 7P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389B SIRENZA-SXA-389B Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
SXA-3318B SIRENZA-SXA-3318B Datasheet
196Kb / 8P
   400-2500 MHz Balanced 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
SIRENZA MICRODEVICES
SPB-3018 SIRENZA-SPB-3018 Datasheet
206Kb / 9P
   800 - 2400 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com