Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62009L Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62009L Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62009L
Download  M62009L Download

File Size   26.6 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT

M62009L Datasheet (PDF)

Go To PDF Page Download Datasheet
M62009L Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62009L
Download  M62009L Click to download

File Size   26.6 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT

M62009L Datasheet (HTML) - Mitsubishi Electric Semiconductor

M62009L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62009L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62009L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor

M62009L Product details

DESCRIPTION
As applications for microcomputers are increasing,a desire has arisen for a RAM backup function.Let us introduce Mitsubishi Electric new low power dissipation,high-performance system reset IC,which is suitable for such RAM backup.
The M62009,which is a low power-dissipation 2-output microcomputer system reset IC,is a 2-output system reset IC which provides for RAM backup in microcomputers,and reduces power dissipation by using the Bi-CMOS process.The M62009 considerably reduces the number of components in the reset circuit.

FEATURES
• Bi-CMOS process low power dissipation circuit configuration
   Icc=7µA(Typ.) (Normal mode Vcc1=Vcc2=5.0V)
   Icc=5µA(Typ.) (Backup mode Vcc1=5.0V)
   Icc=1µA(Typ.) (Backup mode Vcc1=2.5V)
• Two supply detection
   Vcc1(RESET) Vcc1-1=4.0V(typ):Increase of Vcc1
                          Vs1-2=2.0V(typ):Decrease of Vcc1
   Vcc2(INT) Free set up
• Two outputs(open drain type)
   Reset output (RESET):Forced reset signal output
   Interruption output(INT):Output of the signal for interruption processing
   (output of the switching signal for backup mode)
• Packages 2 types
   5-pin SIP (single in-line)
   8-pin SOP (mini flat)

APPLICATION
   Prevention of errors in microcomputer system in electronic equipment that requires RAM backup,such as office,industrial,and home-use equipment.




Similar Part No. - M62009L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
   Low Power 2 Output System Reset IC with External Input
More results


Similar Description - M62009L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
   Low Power 2 Output System Reset IC with External Input
M62015L RENESAS-M62015L Datasheet
87Kb / 6P
   Low Power 2 Output System Reset IC
M62001L RENESAS-M62001L Datasheet
118Kb / 10P
   Low Power 2 Output System Reset IC Series
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
   LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
Mitsumi Electronics, Co...
PST89XA MITSUMI-PST89XA Datasheet
198Kb / 14P
   System Reset IC with delay
PST89XB MITSUMI-PST89XB Datasheet
144Kb / 17P
   System Reset IC with delay
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com