Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-261-EU-BM Datasheet (PDF) - Vicor Corporation

VI-261-EU-BM Datasheet PDF - Vicor Corporation
Part # VI-261-EU-BM
Download  VI-261-EU-BM Download

File Size   84.07 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Battery Charger Current Source Modules

VI-261-EU-BM Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-261-EU-BM Datasheet PDF - Vicor Corporation

Part # VI-261-EU-BM
Download  VI-261-EU-BM Click to download

File Size   84.07 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Battery Charger Current Source Modules

VI-261-EU-BM Datasheet (HTML) - Vicor Corporation

VI-261-EU-BM Datasheet HTML 1Page - Vicor Corporation VI-261-EU-BM Datasheet HTML 2Page - Vicor Corporation

VI-261-EU-BM Product details

Product Highlights

The BatMod combines Vicor’s industry standard package with the flexibility of a power converter whose output voltage and output current may be independently set. BatMod’s allow the user to independently program a constant output current and a maximum float voltage. The float voltage is the point at which the BatMod transitions from constant current to constant voltage.



Features

• RoHS compliant (VE versions)

• Programmable output current

• Booster versions available

• Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7 mm)

• UL, CSA, TÜV

• Compatible with all major battery types

• Inputs: 48, 150, 300 Vdc

• Outputs: 12, 24, 48 Vdc Nominal

• Analog current monitor

• Analog overvoltage adjust

• CE Marked



 




Similar Part No. - VI-261-EU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-261-EU-BM VICOR-VI-261-EU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
More results


Similar Description - VI-261-EU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-231-EU-BM VICOR-VI-231-EU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
247Kb / 3P
   BatMod Battery Charger Current Source Modules
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Microsemi Corporation
LX2205 MICROSEMI-LX2205 Datasheet
320Kb / 14P
   1A Li-Ion Battery Charger with Power Source Management
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com