Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB12U5-5 Datasheet (PDF) - List of Unclassifed Manufacturers

SB12U5-5 Datasheet PDF - List of Unclassifed Manufacturers
Part # SB12U5-5
Download  SB12U5-5 Download

File Size   379.16 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1 and 2 Watt SB Series DC/DC Converters

SB12U5-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB12U5-5 Datasheet PDF - List of Unclassifed Manufacturers

Part # SB12U5-5
Download  SB12U5-5 Click to download

File Size   379.16 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1 and 2 Watt SB Series DC/DC Converters

SB12U5-5 Datasheet (HTML) - List of Unclassifed Manufacturers

SB12U5-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SB12U5-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SB12U5-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SB12U5-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers

SB12U5-5 Product details

[Reliability Incorporated.]

The "SB" Series of DC/DC converters feature 1 to 2 Watts of isolated power combining compact size and high efficiency. The small size of this 7 pin SIP package saves valuable board space in new product design. With single or dual outputs, the SB series is ideal for a variety of demanding requirements such as those found in the data-com/telecom, industrial control, computing, transportation, or office automation industries.

Key Features
• Standard SIP Package
• High Density / Compact size
• Efficiencies up to 80%
• Thru Hole mounting
• 1000 VDC input/output isolation
• No derating to 71°C Operating Temperature

Applications
• Distributed Power Systems
• Data-communications Equipment
• Telecommunications Equipment
• Computer Systems
• Industrial Control Systems




Similar Part No. - SB12U5-5

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
logo
Vishay Siliconix
SB120 VISHAY-SB120 Datasheet
74Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
logo
EIC discrete Semiconduc...
SB120 EIC-SB120 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
logo
Diotec Semiconductor
SB120 DIOTEC-SB120 Datasheet
163Kb / 2P
   Schottky Barrier Rectifiers
More results


Similar Description - SB12U5-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S5R5 ETC1-S5R5 Datasheet
372Kb / 3P
   1 AND 2 WATT DC/DC CONVERTERS
logo
Intronics Power, Inc.
DC200 INTRONICS-DC200 Datasheet
284Kb / 1P
   1 and 2 WATT DUAL OUTPUT DC-DC CONVERTERS
logo
Volgen Kaga Electronics...
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
   300 WATT 2:1 INPUT DC-DC CONVERTERS
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
   750 WATT 2:1 INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com