Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3507-EF002 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-3507-EF002 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-3507-EF002
Download  HLMP-3507-EF002 Download

File Size   215.79 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 3/4 (5 mm) Diffused LED Lamps

HLMP-3507-EF002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-3507-EF002 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-3507-EF002
Download  HLMP-3507-EF002 Click to download

File Size   215.79 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 3/4 (5 mm) Diffused LED Lamps

HLMP-3507-EF002 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HLMP-3507-EF002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-3507-EF002 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HLMP-3507-EF002 Product details

Description
This family of T-13/4 tinted, diffused LED lamps is widely used in general purpose indicator applications. Diffusants, tints, and optical design are balanced to yield superior light output and wide viewing angles. Several intensity choices are available in each color for increased design flexibility.

Features
• High Intensity
• Choice of 4 Bright Colors
  High Efficiency Red
  Orange
  Yellow
  High Performance Green
• Popular T-1 3/4 Diameter Package
• Selected Minimum Intensities
• Wide Viewing Angle
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel




Similar Part No. - HLMP-3507-EF002

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-3507-EF0XX BOARDCOM-HLMP-3507-EF0XX Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
More results


Similar Description - HLMP-3507-EF002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com