Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4933 Datasheet (PDF) - Semikron International

1N4933 Datasheet PDF - Semikron International
Part # 1N4933
Download  1N4933 Download

File Size   141.19 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Fast silicon rectifier diodes

1N4933 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4933 Datasheet PDF - Semikron International

Part # 1N4933
Download  1N4933 Click to download

File Size   141.19 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Fast silicon rectifier diodes

1N4933 Datasheet (HTML) - Semikron International

1N4933 Datasheet HTML 1Page - Semikron International 1N4933 Datasheet HTML 2Page - Semikron International

1N4933 Product details

Axial lead diode



Forward Current: 1 A

Reverse Voltage: 50 to 600 V



Features

• Max. solder temperature : 260°C

• Plastic material has UL classification 94V-0



 




Similar Part No. - 1N4933

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
1N4933 BILIN-1N4933 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Dc Components
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results


Similar Description - 1N4933

ManufacturerPart #DatasheetDescription
logo
Semikron International
RGL1A SEMIKRON-RGL1A Datasheet
116Kb / 2P
   Fast silicon rectifier diodes
FR3A SEMIKRON-FR3A Datasheet
120Kb / 2P
   Fast silicon rectifier diodes
FR5A SEMIKRON-FR5A Datasheet
152Kb / 2P
   Fast silicon rectifier diodes
RGP30K SEMIKRON-RGP30K Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
BA157 SEMIKRON-BA157 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
BA3060 SEMIKRON-BA3060 Datasheet
129Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296 Datasheet
153Kb / 2P
   Fast silicon rectifier diodes
BY396 SEMIKRON-BY396 Datasheet
142Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296_06 Datasheet
156Kb / 2P
   Fast silicon rectifier diodes
SA261 SEMIKRON-SA261_07 Datasheet
123Kb / 2P
   Fast silicon rectifier diodes
FR3SMBA SEMIKRON-FR3SMBA Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com