Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142-0701-851 Datasheet (PDF) - Renesas Technology Corp

142-0701-851 Datasheet PDF - Renesas Technology Corp
Part # 142-0701-851
Download  142-0701-851 Download

File Size   3966.98 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP2T RF Switch 9 kHz to 9000 MHz

142-0701-851 Datasheet (PDF)

Go To PDF Page Download Datasheet
142-0701-851 Datasheet PDF - Renesas Technology Corp

Part # 142-0701-851
Download  142-0701-851 Click to download

File Size   3966.98 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP2T RF Switch 9 kHz to 9000 MHz

142-0701-851 Datasheet (HTML) - Renesas Technology Corp

Back Button 142-0701-851 Datasheet HTML 1Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 2Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 3Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 4Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 5Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 6Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 7Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 8Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 9Page - Renesas Technology Corp 142-0701-851 Datasheet HTML 10Page - Renesas Technology Corp Next Button 



Similar Part No. - 142-0701-851

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
142-0701-851 RENESAS-142-0701-851 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
logo
ON Semiconductor
142-0701-851 ONSEMI-142-0701-851 Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
logo
Integrated Device Techn...
142-0701-851 IDT-142-0701-851 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
142-0701-851 IDT-142-0701-851 Datasheet
2Mb / 54P
   Sampling IF Receiver 1710MHz to 2050MHz
logo
Renesas Technology Corp
142-0701-851 RENESAS-142-0701-851 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
More results


Similar Description - 142-0701-851

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
   High Reliability SP2T RF Switch
Sep 20, 2021
logo
Integrated Device Techn...
F2932 IDT-F2932 Datasheet
2Mb / 20P
   High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
   High Reliability SP2T RF Switch
F2933 IDT-F2933 Datasheet
2Mb / 19P
   High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
F2923 RENESAS-F2923 Datasheet
3Mb / 22P
   Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
   75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com