Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8002KND3 Datasheet (PDF) - Rohm

R8002KND3 Datasheet PDF - Rohm
Part # R8002KND3
Download  R8002KND3 Download

File Size   2243.23 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 800V 1.6A Power MOSFET

R8002KND3 Datasheet (PDF)

Go To PDF Page Download Datasheet
R8002KND3 Datasheet PDF - Rohm

Part # R8002KND3
Download  R8002KND3 Click to download

File Size   2243.23 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 800V 1.6A Power MOSFET

R8002KND3 Datasheet (HTML) - Rohm

Back Button R8002KND3 Datasheet HTML 1Page - Rohm R8002KND3 Datasheet HTML 2Page - Rohm R8002KND3 Datasheet HTML 3Page - Rohm R8002KND3 Datasheet HTML 4Page - Rohm R8002KND3 Datasheet HTML 5Page - Rohm R8002KND3 Datasheet HTML 6Page - Rohm R8002KND3 Datasheet HTML 7Page - Rohm R8002KND3 Datasheet HTML 8Page - Rohm R8002KND3 Datasheet HTML 9Page - Rohm R8002KND3 Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - R8002KND3

ManufacturerPart #DatasheetDescription
logo
Rohm
R8002KNX ROHM-R8002KNX Datasheet
2Mb / 14P
   Nch 800V 1.6A Power MOSFET
More results


Similar Description - R8002KND3

ManufacturerPart #DatasheetDescription
logo
Rohm
R8002KNX ROHM-R8002KNX Datasheet
2Mb / 14P
   Nch 800V 1.6A Power MOSFET
R8002CND ROHM-R8002CND Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
   Nch 800V 1A Power MOSFET
R8003KND3 ROHM-R8003KND3 Datasheet
1Mb / 14P
   Nch 800V 3A Power MOSFET
20190619 - Rev.002
R8008ANJFRG ROHM-R8008ANJFRG Datasheet
1Mb / 14P
   Nch 800V 8A Power MOSFET
R8005ANJ ROHM-R8005ANJ Datasheet
995Kb / 14P
   Nch 800V 5A Power MOSFET
R8007AND3FRA ROHM-R8007AND3FRA Datasheet
2Mb / 14P
   Nch 800V 7A Power MOSFET
R8005ANJFRG ROHM-R8005ANJFRG Datasheet
1Mb / 14P
   Nch 800V 5A Power MOSFET
R8002ANJ ROHM-R8002ANJ Datasheet
986Kb / 14P
   Nch 800V 2A Power MOSFET
R8008ANJ ROHM-R8008ANJ Datasheet
951Kb / 14P
   Nch 800V 8A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com