Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1300A Datasheet (PDF) - Cypress Semiconductor

CY7C1300A Datasheet PDF - Cypress Semiconductor
Part # CY7C1300A
Download  CY7C1300A Download

File Size   147.48 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K X 36 Dual I/O Dual Address Synchronous SRAM

CY7C1300A Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1300A Datasheet PDF - Cypress Semiconductor

Part # CY7C1300A
Download  CY7C1300A Click to download

File Size   147.48 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K X 36 Dual I/O Dual Address Synchronous SRAM

CY7C1300A Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C1300A Datasheet HTML 1Page - Cypress Semiconductor CY7C1300A Datasheet HTML 2Page - Cypress Semiconductor CY7C1300A Datasheet HTML 3Page - Cypress Semiconductor CY7C1300A Datasheet HTML 4Page - Cypress Semiconductor CY7C1300A Datasheet HTML 5Page - Cypress Semiconductor CY7C1300A Datasheet HTML 6Page - Cypress Semiconductor CY7C1300A Datasheet HTML 7Page - Cypress Semiconductor CY7C1300A Datasheet HTML 8Page - Cypress Semiconductor CY7C1300A Datasheet HTML 9Page - Cypress Semiconductor CY7C1300A Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C1300A Product details

Functional Description
The CY7C1300A SRAM integrates 131,072 × 36 SRAM cells with advanced synchronous peripheral circuitry. It employs high-speed, low-power CMOS designs using advanced triple-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high-valued resistors.
The CY7C1300A allows the user to concurrently perform Reads, Writes, or pass-through cycles in combination on the two data ports. The two address ports (AX, AY) determine the Read or Write locations for their respective data ports (DQX, DQY).

Features
• Fast clock speed: 100 and 83 MHz
• Fast access times: 5.0/6.0 ns max.
• Single clock operation
• Single 3.3V –5% and +5% power supply VCC
• Separate VCCQ for output buffer
• Two chip enables for simple depth expansion
• Address, data input, CE1X, CE2X, CE1Y, CE2Y, PTX, PTY, WEX, WEY, and data output registers on-chip
• Concurrent Reads and Writes
• Two bidirectional data buses
• Can be configured as separate I/O
• Pass-through feature
• Asynchronous output enables (OEX, OEY)
• LVTTL-compatible I/O
• Self-timed Write
• Automatic power-down
• 176-pin TQFP package




Similar Part No. - CY7C1300A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
CY7C130 CYPRESS-CY7C130 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130-30PC CYPRESS-CY7C130-30PC Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
CY7C130-30PC CYPRESS-CY7C130-30PC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130-30PI CYPRESS-CY7C130-30PI Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results


Similar Description - CY7C1300A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCM63D736 FREESCALE-MCM63D736 Datasheet
455Kb / 16P
   128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
Cypress Semiconductor
CY7C1299A CYPRESS-CY7C1299A Datasheet
142Kb / 11P
   32K x 36 Dual I/O Dual Address Synchronous SRAM
logo
Motorola, Inc
MCM69D536 MOTOROLA-MCM69D536 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D618 MOTOROLA-MCM69D618 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Motorola, Inc
MCM67D709 MOTOROLA-MCM67D709 Datasheet
175Kb / 12P
   128K x 9 Bit Synchronous Dual I/O Fast Static RAM
logo
Renesas Technology Corp
71V2546S RENESAS-71V2546S Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS9C25256M2036L ALSC-AS9C25256M2036L Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com