Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1065ASU-REEL Datasheet (PDF) - Analog Devices

ADM1065ASU-REEL Datasheet PDF - Analog Devices
Part # ADM1065ASU-REEL
Download  ADM1065ASU-REEL Download

File Size   664.25 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer-TM and Monitor

ADM1065ASU-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1065ASU-REEL Datasheet PDF - Analog Devices

Part # ADM1065ASU-REEL
Download  ADM1065ASU-REEL Click to download

File Size   664.25 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer-TM and Monitor

ADM1065ASU-REEL Datasheet (HTML) - Analog Devices

Back Button ADM1065ASU-REEL Datasheet HTML 1Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 2Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 3Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 4Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 5Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 6Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 7Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 8Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 9Page - Analog Devices ADM1065ASU-REEL Datasheet HTML 10Page - Analog Devices Next Button 

ADM1065ASU-REEL Product details

GENERAL DESCRIPTION
The ADM1065 Super Sequencer® is a configurable supervisory/sequencing device that offers a single-chip solution for supply monitoring and sequencing in multiple-supply systems.
The device also provides up to 10 programmable inputs for monitoring undervoltage faults, overvoltage faults, or out-of-window faults on up to 10 supplies. In addition, 10 programmable outputs can be used as logic enables. Six of these programmable outputs can each provide up to a 12 V output for driving the gate of an N-FET that can be placed in the path of a supply.

FEATURES
   Complete supervisory and sequencing solution for up to
      10 supplies
   10 supply fault detectors enable supervision of supplies to
      <0.5% accuracy at all voltages at 25°C
      <1.0% accuracy across all voltages and temperatures
   5 selectable input attenuators allow supervision of supplies to
      14.4 V on VH
      6 V on VP1 to VP4 (VPx)
   5 dual-function inputs, VX1 to VX5 (VXx)
      High impedance input to supply fault detector with
         thresholds between 0.573 V and 1.375 V
      General-purpose logic input
   10 programmable driver outputs, PDO1 to PDO10 (PDOx)
      Open-collector with external pull-up
      Push/pull output driven to VDDCAP or VPx
      Open collector with weak pull-up to VDDCAP or VPx
      Internally charge-pumped high drive for use with external
         N-FET (PDO1 to PDO6 only)
   Sequencing engine (SE) implements state machine control of
      PDO outputs
         State changes conditional on input events
         Enables complex control of boards
         Power-up and power-down sequence control
         Fault event handling
         Interrupt generation on warnings
         Watchdog function can be integrated in SE
         Program software control of sequencing through SMBus
   Device powered by the highest of VPx, VH for improved
      redundancy
   User EEPROM: 256 bytes
   Industry-standard 2-wire bus interface (SMBus)
   Guaranteed PDO low with VH, VPx = 1.2 V
   Available in 40-lead, 6 mm × 6 mm LFCSP and
      48-lead, 7 mm × 7 mm TQFP packages

APPLICATIONS
   Central office systems
   Servers/routers
   Multivoltage system line cards
   DSP/FPGA supply sequencing
   In-circuit testing of margined supplies




Similar Part No. - ADM1065ASU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
More results


Similar Description - ADM1065ASU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com