Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9308-01 Datasheet (PDF) - Peregrine Semiconductor Corp.

9308-01 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 9308-01
Download  9308-01 Download

File Size   174.53 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications

9308-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
9308-01 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 9308-01
Download  9308-01 Click to download

File Size   174.53 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications

9308-01 Datasheet (HTML) - Peregrine Semiconductor Corp.

9308-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9308-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9308-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9308-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9308-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9308-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9308-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp.

9308-01 Product details

Product Description
The PE9308 is a high-performance dynamic UltraCMOS™ prescaler ideal for Ku band Transceiver applications. It has a fixed divide ratio of 4 with an operating frequency range of 4.0 GHz to 13.5 GHz. The PE9308 operates on a nominal 2.6 V supply and draws only 15 mA. It is packaged in a small 8-lead Flat Pack and is also available in Die form for Hybrid application.
The PE9308 is manufactured in Peregrine’s patented Ultra Thin Silicon (UTSi©) CMOS process, offering the performance of GaAs with the economy and integration of conventional CMOS.

Features
• High-frequency operation: up to 13.5 GHz
• Fixed divide ratio of 4
• Low-power operation:15 mA typical @ 2.6V
• SEL Immune due to UltraCMOS™
• SEU <10-10 errors / bit-day
• 100 Krads (Si) Total Dose
• Small package: 8-lead Formed Flat pack
• Available as Die




Similar Part No. - 9308-01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
logo
Keystone Electronics Co...
9308 KEYSTONE-9308 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9308 HEYCO-9308 Datasheet
152Kb / 2P
   Snap Rivets
logo
Molex Electronics Ltd.
930803 MOLEX5-930803 Datasheet
376Kb / 2P
   3.81mm (.150") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 90째 Wire Entry, 3 Circuits
930803 MOLEX11-930803 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
More results


Similar Description - 9308-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com