Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23237D-XXBS18 Datasheet (PDF) - OKI electronic componets

MSC23237D-XXBS18 Datasheet PDF - OKI electronic componets
Part # MSC23237D-XXBS18
Download  MSC23237D-XXBS18 Download

File Size   89.96 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE

MSC23237D-XXBS18 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC23237D-XXBS18 Datasheet PDF - OKI electronic componets

Part # MSC23237D-XXBS18
Download  MSC23237D-XXBS18 Click to download

File Size   89.96 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE

MSC23237D-XXBS18 Datasheet (HTML) - OKI electronic componets

MSC23237D-XXBS18 Datasheet HTML 1Page - OKI electronic componets MSC23237D-XXBS18 Datasheet HTML 2Page - OKI electronic componets MSC23237D-XXBS18 Datasheet HTML 3Page - OKI electronic componets MSC23237D-XXBS18 Datasheet HTML 4Page - OKI electronic componets MSC23237D-XXBS18 Datasheet HTML 5Page - OKI electronic componets MSC23237D-XXBS18 Datasheet HTML 6Page - OKI electronic componets MSC23237D-XXBS18 Datasheet HTML 7Page - OKI electronic componets MSC23237D-XXBS18 Datasheet HTML 8Page - OKI electronic componets MSC23237D-XXBS18 Datasheet HTML 9Page - OKI electronic componets

MSC23237D-XXBS18 Product details

DESCRIPTION
The MSC23237D-xxBS18/DS18 is a fully decoded, 2,097,152-word x 36-bit CMOS dynamic random access memory module composed of eighteen 4Mb DRAMs in SOJ packages mounted with eighteen decoupling capacitors on a 72-pin glass epoxy single-inline package. This module supports any application where high density and large capacity of storage memory are required.

FEATURES
• 2,097,152-word x 36-bit organization
• 72-pin Single Inline Memory Module
    MSC23237D-xxBS18 : Gold tab
    MSC23237D-xxDS18 : Solder tab
• Single +5V supply ± 10% tolerance
• Input : TTL compatible
• Output : TTL compatible, 3-state
• Refresh : 1024cycles/16ms
• /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
• Fast page mode capability
• Multi-bit test mode capability




Similar Part No. - MSC23237D-XXBS18

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258A-XXBS4 OKI-MSC2323258A-XXBS4 Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258A-XXDS4 OKI-MSC2323258A-XXDS4 Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D-XXBS4 OKI-MSC2323258D-XXBS4 Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSC23237D-XXBS18

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23236D OKI-MSC23236D Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23240D-XXBS20 OKI-MSC23240D-XXBS20 Datasheet
91Kb / 9P
   2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V27207TD-XXBS9 OKI-MSC23V27207TD-XXBS9 Datasheet
92Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV232D-XXBS4 OKI-MSC23CV232D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com