Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN3385MTD Datasheet (PDF) - Fairchild Semiconductor

FIN3385MTD Datasheet PDF - Fairchild Semiconductor
Part # FIN3385MTD
Download  FIN3385MTD Download

File Size   553.84 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers

FIN3385MTD Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN3385MTD Datasheet PDF - Fairchild Semiconductor

Part # FIN3385MTD
Download  FIN3385MTD Click to download

File Size   553.84 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers

FIN3385MTD Datasheet (HTML) - Fairchild Semiconductor

Back Button FIN3385MTD Datasheet HTML 1Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 2Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 3Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 4Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 9Page - Fairchild Semiconductor FIN3385MTD Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FIN3385MTD Product details

General Description
The FIN3385 and FIN3383 transform 28 bit wide parallel LVTTL (Low Voltage TTL) data into 4 serial LVDS (Low Voltage Differential Signaling) data streams. A phaselocked transmit clock is transmitted in parallel with the data stream over a separate LVDS link. Every cycle of transmit clock 28 bits of input LVTTL data are sampled and transmitted.

Features
■ Low power consumption
■ 20 MHz to 85 MHz shift clock support
■ r1V common-mode range around 1.2V
■ Narrow bus reduces cable size and cost
■ High throughput (up to 2.38 Gbps throughput)
■ Internal PLL with no external component
■ Compatible with TIA/EIA-644 specification
■ Devices are offered 56-lead TSSOP packages




Similar Part No. - FIN3385MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385MTDX FAIRCHILD-FIN3385MTDX Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385MTDX ONSEMI-FIN3385MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results


Similar Description - FIN3385MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com