Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW414EH Datasheet (PDF) - Panasonic Semiconductor

AQW414EH Datasheet PDF - Panasonic Semiconductor
Part # AQW414EH
Download  AQW414EH Download

File Size   75.52 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.

AQW414EH Datasheet (PDF)

Go To PDF Page Download Datasheet
AQW414EH Datasheet PDF - Panasonic Semiconductor

Part # AQW414EH
Download  AQW414EH Click to download

File Size   75.52 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.

AQW414EH Datasheet (HTML) - Panasonic Semiconductor

AQW414EH Datasheet HTML 1Page - Panasonic Semiconductor AQW414EH Datasheet HTML 2Page - Panasonic Semiconductor AQW414EH Datasheet HTML 3Page - Panasonic Semiconductor

AQW414EH Product details

FEATURES
1. Reinforced insulation 5,000 V type
    More than 0.4 mm internal insulation distance between inputs and outputs. Con-forms to EN41003, EN60950 (reinforced insulation).
2. Compact 8-pin DIP size
    The device comes in a compact (W)6.4×(L)9.86×(H)3.2 mm (W).252×(L).388×(H).126 inch, 8-pin DIP size (through hole terminal type).
3. Applicable for 2 Form B use as well as two independent 1 Form B use
4. Controls low-level analog signals
    PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion.
5. High sensitivity, high speed response.
    Can control a maximum 0.13 A load current with a 5 mA input current. Fast operation speed of 0.8 ms (typical).
6. Low-level off state leakage current

TYPICAL APPLICATIONS
• Modem
• Telephone equipment
• Security equipment
• Sensors




Similar Part No. - AQW414EH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
AQW414 ETC2-AQW414 Datasheet
169Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQW414A ETC2-AQW414A Datasheet
169Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQW414S ETC-AQW414S Datasheet
158Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
More results


Similar Description - AQW414EH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
logo
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Sharp Corporation
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com