| Manufacturer | Part # | Datasheet | Description |
 National Semiconductor ... |
LM76
|
311Kb / 15P |
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
|
 Maxim Integrated Produc... |
MAX6625
|
1Mb / 13P |
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02 |
|
MAX6629
|
152Kb / 8P |
12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01 |
|
MAX6626
|
1Mb / 13P |
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02 |
|
MAX6633
|
210Kb / 16P |
12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Rev 0; 8/01 |
|
MAX6662
|
133Kb / 9P |
12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Rev 0; 7/01 |
|
MAX6629
|
162Kb / 8P |
12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10 |
|
MAX6625
|
1Mb / 14P |
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
2019 |
|
MAX6633
|
1Mb / 16P |
12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014 |
|
MAX6662
|
765Kb / 9P |
12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021 |