Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTBL2130-G Datasheet (PDF) - Marktech Corporate

MTBL2130-G Datasheet PDF - Marktech Corporate
Part # MTBL2130-G
Download  MTBL2130-G Download

File Size   508.84 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Surface View COB 38.0 x 16.3mm Backlighter

MTBL2130-G Datasheet (PDF)

Go To PDF Page Download Datasheet
MTBL2130-G Datasheet PDF - Marktech Corporate

Part # MTBL2130-G
Download  MTBL2130-G Click to download

File Size   508.84 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Surface View COB 38.0 x 16.3mm Backlighter

MTBL2130-G Datasheet (HTML) - Marktech Corporate

MTBL2130-G Datasheet HTML 1Page - Marktech Corporate



Similar Part No. - MTBL2130-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTBL2132-G MARKTECH-MTBL2132-G Datasheet
265Kb / 1P
   Marktech Surface View COB 65.0 x 26.5mm Backlighter
MTBL2134-G MARKTECH-MTBL2134-G Datasheet
265Kb / 1P
   Marktech Surface View COB 60.0 x 22.0mm Backlighter
MTBL2135-G MARKTECH-MTBL2135-G Datasheet
231Kb / 1P
   Marktech Surface View COB 102.2 x 26.0mm Backlighter
MTBL2136-G MARKTECH-MTBL2136-G Datasheet
259Kb / 1P
   Marktech Surface View COB 100.5 x 25.0mm Backlighter
MTBL2137-G MARKTECH-MTBL2137-G Datasheet
170Kb / 1P
   Marktech Surface View COB 78.0 x 16.2mm Backlighter
More results


Similar Description - MTBL2130-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTBL2119-G MARKTECH-MTBL2119-G Datasheet
105Kb / 1P
   Marktech Surface View COB 72.0 x 48.0mm Backlighter
MTBL2121-G MARKTECH-MTBL2121-G Datasheet
266Kb / 1P
   Marktech Surface View COB 75.1 x 39.8mm Backlighter
MTBL2126-G MARKTECH-MTBL2126-G Datasheet
127Kb / 1P
   Marktech Surface View COB 94.5 x 17.0mm Backlighter
MTBL2122-G MARKTECH-MTBL2122-G Datasheet
251Kb / 1P
   Marktech Surface View COB 101.0 x 25.0mm Backlighter
MTBL2137-G MARKTECH-MTBL2137-G Datasheet
170Kb / 1P
   Marktech Surface View COB 78.0 x 16.2mm Backlighter
MTBL2311-G2 MARKTECH-MTBL2311-G2 Datasheet
174Kb / 1P
   Marktech Surface View COB 135.0 x 42.0mm Backlighter
MTBL2118-G MARKTECH-MTBL2118-G Datasheet
183Kb / 1P
   Marktech Surface View COB 86.0 x 21.5mm Backlighter
MTBL2135-G MARKTECH-MTBL2135-G Datasheet
231Kb / 1P
   Marktech Surface View COB 102.2 x 26.0mm Backlighter
MTBL2312-G MARKTECH-MTBL2312-G Datasheet
118Kb / 1P
   Marktech Surface View COB 133.0 x 40.0mm Backlighter
MTBL2409-G MARKTECH-MTBL2409-G Datasheet
117Kb / 1P
   Marktech Surface View COB 121.5 x 24.5mm Backlighter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com