Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5358 Datasheet (PDF) - Asahi Kasei Microsystems

AK5358 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5358
Download  AK5358 Download

File Size   128.32 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24-Bit ?誇 ADC

AK5358 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5358 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5358
Download  AK5358 Click to download

File Size   128.32 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24-Bit ?誇 ADC

AK5358 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK5358 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5358 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK5358 Product details

GENERAL DESCRIPTION
The AK5358 is a stereo A/D Converter with wide sampling rate of 8kHz ∼ 96kHz and is suitable for consumer to professional audio system. The AK5358 achieves high accuracy and low cost by using Enhanced dual bit ∆Σ techniques. The AK5358 requires no external components because the analog inputs are single-ended. The audio interface has two formats (MSB justified, I2S) and can correspond to various systems like DTV, DVR and AV Receiver.

FEATURES
□ Linear Phase Digital Anti-Alias Filtering
□ Single-ended Input
□ Digital HPF for DC-Offset cancel
□ S/(N+D): 92dB
□ DR: 102dB
□ S/N: 102dB
□ Sampling Rate Ranging from 8kHz to 96kHz
□ Master Clock:
    256fs/384fs/512fs/768fs (8kHz ∼ 48kHz)
    256fs/384fs (48kHz ∼ 96kHz)
□ Input level: CMOS
□ Master / Slave Mode
□ Audio Interface: 24bit MSB justified / I2S selectable
□ Power Supply: 4.5 ∼ 5.5V (Analog), 2.7 ∼ 3.6V (Digital)
□ Ta = −20 ∼ 85°C
□ Small 16pin TSSOP Package
□ AK5357/59/81 Pin-compatible




Similar Part No. - AK5358

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358AET AKM-AK5358AET Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5358BET AKM-AK5358BET Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
More results


Similar Description - AK5358

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com