Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-500-KAC-HNJ-A1-B2 Datasheet (PDF) - Vectron International, Inc

FX-500-KAC-HNJ-A1-B2 Datasheet PDF - Vectron International, Inc
Part # FX-500-KAC-HNJ-A1-B2
Download  FX-500-KAC-HNJ-A1-B2 Download

File Size   1013.2 Kbytes
Page   6 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter Frequency Translator

FX-500-KAC-HNJ-A1-B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FX-500-KAC-HNJ-A1-B2 Datasheet PDF - Vectron International, Inc

Part # FX-500-KAC-HNJ-A1-B2
Download  FX-500-KAC-HNJ-A1-B2 Click to download

File Size   1013.2 Kbytes
Page   6 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter Frequency Translator

FX-500-KAC-HNJ-A1-B2 Datasheet (HTML) - Vectron International, Inc

FX-500-KAC-HNJ-A1-B2 Datasheet HTML 1Page - Vectron International, Inc FX-500-KAC-HNJ-A1-B2 Datasheet HTML 2Page - Vectron International, Inc FX-500-KAC-HNJ-A1-B2 Datasheet HTML 3Page - Vectron International, Inc FX-500-KAC-HNJ-A1-B2 Datasheet HTML 4Page - Vectron International, Inc FX-500-KAC-HNJ-A1-B2 Datasheet HTML 5Page - Vectron International, Inc FX-500-KAC-HNJ-A1-B2 Datasheet HTML 6Page - Vectron International, Inc

FX-500-KAC-HNJ-A1-B2 Product details

Description
The FX-500 is a complete crystal-based frequency translator used in communications applications where low jitter is paramount.
Performance advantages include superior jitter per formance, high output frequencies and small pack age size. Advanced custom ASIC technology results in a highly robust, reliable and predictable device.
The device is packaged in a 6 pin J-Lead ceramic package with a hermetic seam welded lid.

Features
• Complete Frequency Translator to 77.760 MHz
• 3.3 Volt or 5.0 Volt Supply
• Capable of locking to an 8 kHz pulse/ BITS clock
• Tri-State Output allows board test
• Lock Detect
• J-Lead Ceramic Package
• Advanced Custom ASIC Technology
• Absolute Pull Range Performance to ±100 ppm
• CMOS Output
• Commercial or Industrial Temperature Range
• EIA Compatible Tape and Reel Packaging

Applications
• Frequency Translation, Clock Smoothing
• Telecom - SONET/SDH/ATM/DWDM
• Datacom - DSLAM, DSLAR, Access Nodes
• Cable Modem Head End
• Base Station - GSM, CDMA




Similar Part No. - FX-500-KAC-HNJ-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-500-DAE-KNNN VECTRON-FX-500-DAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAE-PNNN VECTRON-FX-500-DAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAT-KNNN VECTRON-FX-500-DAT-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-KNNN VECTRON-FX-500-EAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-PNNN VECTRON-FX-500-EAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
More results


Similar Description - FX-500-KAC-HNJ-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com