| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX1136
|
471Kb / 22P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
19-2334; Rev 1; 4/02 |
|
MAX1236
|
407Kb / 22P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03 |
|
MAX1036
|
292Kb / 23P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09 |
|
MAX1136
|
308Kb / 22P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09 |
|
MAX1236
|
228Kb / 22P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09 |
|
MAX11606
|
583Kb / 22P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09 |
|
MAX11612
|
394Kb / 22P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09 |
|
MAX1037EKA-T
|
748Kb / 23P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09 |
|
MAX1239EEE-T
|
378Kb / 22P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10 |
|
MAX1236
|
378Kb / 22P |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010 |