Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMA-4-0502 Datasheet (PDF) - Teledyne Technologies Incorporated

CMA-4-0502 Datasheet PDF - Teledyne Technologies Incorporated
Part # CMA-4-0502
Download  CMA-4-0502 Download

File Size   894.3 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Amplifier 0.5 GHz - 4 GHz

CMA-4-0502 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMA-4-0502 Datasheet PDF - Teledyne Technologies Incorporated

Part # CMA-4-0502
Download  CMA-4-0502 Click to download

File Size   894.3 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Amplifier 0.5 GHz - 4 GHz

CMA-4-0502 Datasheet (HTML) - Teledyne Technologies Incorporated

CMA-4-0502 Datasheet HTML 1Page - Teledyne Technologies Incorporated CMA-4-0502 Datasheet HTML 2Page - Teledyne Technologies Incorporated

CMA-4-0502 Product details

Amplifier 0.5 GHz - 4 GHz

This Amplifier offers exceptional performance over the band 0.5 GHz to 4 GHz with 18 dBm P1dB output power and 17 dB Gain.
Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET’s used in these amplifiers are well established proven devices from multiple sources.
Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website.

Other products from Teledyne Microwave include: Transceivers, Synthesizers, and YIG Products




Similar Part No. - CMA-4-0502

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-4-0503 TELEDYNE-CMA-4-0503 Datasheet
892Kb / 2P
   Amplifier 0.5 GHz - 4 GHz
CMA-4-0504 TELEDYNE-CMA-4-0504 Datasheet
892Kb / 2P
   Amplifier 0.5 GHz - 4 GHz
More results


Similar Description - CMA-4-0502

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-4-0504 TELEDYNE-CMA-4-0504 Datasheet
892Kb / 2P
   Amplifier 0.5 GHz - 4 GHz
CMA-4-0503 TELEDYNE-CMA-4-0503 Datasheet
892Kb / 2P
   Amplifier 0.5 GHz - 4 GHz
TGM-04-0001 TELEDYNE-TGM-04-0001 Datasheet
897Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0005 TELEDYNE-CGM-04-0005 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0004 TELEDYNE-TGM-04-0004 Datasheet
898Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0005 TELEDYNE-TGM-04-0005 Datasheet
909Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0002 TELEDYNE-CGM-04-0002 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0004 TELEDYNE-CGM-04-0004 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0002 TELEDYNE-TGM-04-0002 Datasheet
909Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0006 TELEDYNE-TGM-04-0006 Datasheet
898Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com