Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQR40N10-25 Datasheet (PDF) - Vishay Siliconix

SQR40N10-25 Datasheet PDF - Vishay Siliconix
Part # SQR40N10-25_V01
Download  SQR40N10-25 Download
File Size   209.66 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 100 V (D-S) 175 °C MOSFET

SQR40N10-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SQR40N10-25 Datasheet PDF - Vishay Siliconix

Part # SQR40N10-25_V01
Download  SQR40N10-25 Click to download

File Size   209.66 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 100 V (D-S) 175 °C MOSFET

SQR40N10-25 Datasheet (HTML) - Vishay Siliconix


SQR40N10-25 Product details

• TrenchFET® power MOSFET
• Package with low thermal resistance
• 100 % Rg and UIS tested
• AEC-Q101 qualified




Similar Part No. - SQR40N10-25_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQR40N10-25 VISHAY-SQR40N10-25_15 Datasheet
221Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 10-Aug-15
More results


Similar Description - SQR40N10-25_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQM70060EL VISHAY-SQM70060EL Datasheet
223Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com