| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX3741
|
531Kb / 10P |
3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04 |
|
MAX3747
|
360Kb / 10P |
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 0; 5/04 |
|
MAX3740A
|
286Kb / 14P |
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04 |
|
MAX3736
|
341Kb / 11P |
3.2Gbps, Low-Power, Compact, SFP Laser Driver
Rev 0; 12/03 |
 Micrel Semiconductor |
SY88912L
|
47Kb / 5P |
3.3V 3.2Gbps SONET/SDH LASER DRIVER
|
 Maxim Integrated Produc... |
MAX3747
|
299Kb / 10P |
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07 |
|
MAX3740A
|
585Kb / 15P |
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10 |
|
MAX3747A
|
317Kb / 11P |
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12 |
|
MAX3747
|
338Kb / 11P |
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12 |
|
MAX3735A
|
1Mb / 18P |
2.7Gbps, Low-Power SFP Laser Driver
2013 |