Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPA-18-6006 Datasheet (PDF) - Teledyne Technologies Incorporated

CPA-18-6006 Datasheet PDF - Teledyne Technologies Incorporated
Part # CPA-18-6006
Download  CPA-18-6006 Download

File Size   892.4 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Amplifier 6 GHz - 18 GHz

CPA-18-6006 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPA-18-6006 Datasheet PDF - Teledyne Technologies Incorporated

Part # CPA-18-6006
Download  CPA-18-6006 Click to download

File Size   892.4 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Amplifier 6 GHz - 18 GHz

CPA-18-6006 Datasheet (HTML) - Teledyne Technologies Incorporated

CPA-18-6006 Datasheet HTML 1Page - Teledyne Technologies Incorporated CPA-18-6006 Datasheet HTML 2Page - Teledyne Technologies Incorporated

CPA-18-6006 Product details

Amplifier 6 GHz - 18 GHz

This Amplifier offers exceptional performance over the band 6 GHz to 18 GHz with 20 dBm P1dB output power and 36 dB Gain.

Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET’s used in these amplifiers are well established proven devices from multiple sources.

Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website.

Other products from Teledyne Microwave include: Transceivers, Synthesizers, and YIG Products




Similar Part No. - CPA-18-6006

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-18-6003 TELEDYNE-CPA-18-6003 Datasheet
894Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6004 TELEDYNE-CPA-18-6004 Datasheet
894Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6005 TELEDYNE-CPA-18-6005 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6007 TELEDYNE-CPA-18-6007 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 18 GHz
More results


Similar Description - CPA-18-6006

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TPA-18-6015 TELEDYNE-TPA-18-6015 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6003 TELEDYNE-CPA-18-6003 Datasheet
894Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6004 TELEDYNE-CPA-18-6004 Datasheet
894Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6014 TELEDYNE-CPA-18-6014 Datasheet
894Kb / 2P
   Amplifier 6 GHz - 18 GHz
TMA-18-6003 TELEDYNE-TMA-18-6003 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 18 GHz
TPA-18-6003 TELEDYNE-TPA-18-6003 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 18 GHz
TPA-18-6006 TELEDYNE-TPA-18-6006 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6005 TELEDYNE-CPA-18-6005 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 18 GHz
TPA-18-6007 TELEDYNE-TPA-18-6007 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6017 TELEDYNE-CPA-18-6017 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com