Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMM-SX-A Datasheet (PDF) - ETA-USA

WMM-SX-A Datasheet PDF - ETA-USA
Part # WMM-SX-A
Download  WMM-SX-A Download

File Size   1001.19 Kbytes
Page   3 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 12W High frequency design, less power consumption

WMM-SX-A Datasheet (PDF)

Go To PDF Page Download Datasheet
WMM-SX-A Datasheet PDF - ETA-USA

Part # WMM-SX-A
Download  WMM-SX-A Click to download

File Size   1001.19 Kbytes
Page   3 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 12W High frequency design, less power consumption

WMM-SX-A Datasheet (HTML) - ETA-USA

WMM-SX-A Datasheet HTML 1Page - ETA-USA WMM-SX-A Datasheet HTML 2Page - ETA-USA WMM-SX-A Datasheet HTML 3Page - ETA-USA

WMM-SX-A Product details

• High frequency design, less power consumption
• NRCan / DoE Level VI / CEC / GEMS VI;/
ErP ( Stage 2 ) / CoC Tier 2




Similar Part No. - WMM-SX-A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMM15-1Y05KE WALL-WMM15-1Y05KE Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM15-1Y05KU WALL-WMM15-1Y05KU Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM24 WALL-WMM24 Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM24-1Y09KE WALL-WMM24-1Y09KE Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM24-1Y09KU WALL-WMM24-1Y09KU Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
More results


Similar Description - WMM-SX-A

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J112 CIT-J112 Datasheet
91Kb / 2P
   Low power consumption .12W
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
   Less than 0.5W no-load Power Consumption
logo
FSP TECHNOLOGY INC.
NANO-AP400 FSP-NANO-AP400 Datasheet
61Kb / 1P
   High frequency design
NANO-AP600 FSP-NANO-AP600 Datasheet
61Kb / 1P
   High frequency design
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
FSP TECHNOLOGY INC.
NANO-AP800 FSP-NANO-AP800 Datasheet
61Kb / 1P
   High frequency design
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH_15 Datasheet
211Kb / 7P
   Low Power Consumption-Class C Design
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com