Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV68261 Datasheet (PDF) - ON Semiconductor

NCV68261 Datasheet PDF - ON Semiconductor
Part # NCV68261
Download  NCV68261 Download

File Size   417.62 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ideal Diode and High Side Switch NMOS Controller

NCV68261 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCV68261 Datasheet PDF - ON Semiconductor

Part # NCV68261
Download  NCV68261 Click to download

File Size   417.62 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ideal Diode and High Side Switch NMOS Controller

NCV68261 Datasheet (HTML) - ON Semiconductor

Back Button NCV68261 Datasheet HTML 1Page - ON Semiconductor NCV68261 Datasheet HTML 2Page - ON Semiconductor NCV68261 Datasheet HTML 3Page - ON Semiconductor NCV68261 Datasheet HTML 4Page - ON Semiconductor NCV68261 Datasheet HTML 5Page - ON Semiconductor NCV68261 Datasheet HTML 6Page - ON Semiconductor NCV68261 Datasheet HTML 7Page - ON Semiconductor NCV68261 Datasheet HTML 8Page - ON Semiconductor NCV68261 Datasheet HTML 9Page - ON Semiconductor NCV68261 Datasheet HTML 10Page - ON Semiconductor Next Button 

NCV68261 Product details

The NCV68261 is a Reverse Polarity Protection and Ideal Diode
NMOS Controller with optional High Side Switch function, intended
as a lower loss and lower forward voltage replacement for power
rectifier diodes and mechanical power switches. The controller
operates in conjunction with one or two N−channel MOSFETs and
sets the ON/OFF state of the transistors based on the state of the
Enable pin and the Input−to−Drain differential voltage polarity.
Depending on the Drain pin connection, both Ideal Diode and High
Side Switch applications can operate in two different modes. With the
Drain pin connected to the load, the applications are in Ideal Diode
mode, whereas with the Drain pin connected to ground, the
applications are merely in Reverse Polarity Protection mode.

Features
• Operating Voltage Range: up to 32 V
• Immune to 60 V Load Dump Pulse
• Immune to −40 V Negative Transient
• Overvoltage Protection
♦ Disconnects the load from battery at VIN = 35.6 V typ
• Enable Function (3.3 V Logic Compatible Thresholds)
• Ideal Diode Function
♦ Protecting against Reverse Current Flow (from Output to Input)
• Reverse Polarity Protection (RPP) Function
♦ Protecting against Negative Supply
• High Side Switch with Ideal Diode
• High Side Switch with Reverse Polarity Protection
• NCV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change
Requirements; AEC−Q100 Grade 1 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant

Typical Applications
• Automotive Battery Regulation
• Industrial Power Supply
• Rectifier
• High Side Switch
• Vehicle Control Module



Similar Part No. - NCV68261

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
NCV68061SNAIT1G ONSEMI-NCV68061SNAIT1G Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results

Similar Description - NCV68261

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Infineon Technologies A...
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS41K0S-ME-N INFINEON-BTS41K0S-ME-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.1, 2012-05-08
ITS4200S-ME-P INFINEON-ITS4200S-ME-P Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS41K0S-ME-N INFINEON-ITS41K0S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4060S-SJ-N INFINEON-ITS4060S-SJ-N Datasheet
776Kb / 21P
   Smart high-side NMOS-power switch
Rev 1.1 2019-07-25
ITS4200S-ME-N INFINEON-ITS4200S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4300S-SJ-D INFINEON-ITS4300S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com