Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSD-SA-U Datasheet (PDF) - ETA-USA

BSD-SA-U Datasheet PDF - ETA-USA
Part No. BSD-SA-U
Download  BSD-SA-U Click to view

File Size   119.32 Kbytes
Page   2 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 100 WATT AC-DC CONVERTER

BSD-SA-U Datasheet (PDF)

Go To PDF Page Download Datasheet
BSD-SA-U Datasheet PDF - ETA-USA

Part No. BSD-SA-U
Download  BSD-SA-U Click to view

File Size   119.32 Kbytes
Page   2 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description 100 WATT AC-DC CONVERTER

BSD-SA-U Datasheet (HTML) - ETA-USA

BSD-SA-U Datasheet HTML 1Page - ETA-USA BSD-SA-U Datasheet HTML 2Page - ETA-USA

BSD-SA-U Product details

nput Voltage dnjf AC115V
Input Current 2.2A
Input Range AC85-132V
Input Frequency 50/60Hz
Input Frequency Range 47-440Hz
Phase Single
Inrush Current *1 17A(maximum) at AC115V



Similar Part No. - BSD-SA-U

ManufacturerPart No.DatasheetDescription
LEDTRONICS, INC
LEDTRONICS, INC
BSD-1260-001AX LEDTRONICS-BSD-1260-001AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-001BX LEDTRONICS-BSD-1260-001BX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-003AX LEDTRONICS-BSD-1260-003AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-003BX LEDTRONICS-BSD-1260-003BX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-004AX LEDTRONICS-BSD-1260-004AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
More results

Similar Description - BSD-SA-U

ManufacturerPart No.DatasheetDescription
ETA-USA
ETA-USA
ERD-SA ETA-USA-ERD-SA Datasheet
432Kb / 2P
   100 WATT AC-DC CONVERTER
VTD-SB ETA-USA-VTD-SB Datasheet
258Kb / 3P
   100 WATT AC-DC CONVERTER
WRD-SX ETA-USA-WRD-SX Datasheet
214Kb / 3P
   100 WATT AC-DC CONVERTER
VTD-SZ ETA-USA-VTD-SZ Datasheet
120Kb / 1P
   100 WATT AC-DC CONVERTER
ERD-SB ETA-USA-ERD-SB Datasheet
438Kb / 2P
   100 WATT AC-DC CONVERTER
VTD-SA ETA-USA-VTD-SA Datasheet
241Kb / 3P
   100 WATT AC-DC CONVERTER
AIMTEC
AIMTEC
AMEC30-MAZ AIMTEC-AMEC30-MAZ Datasheet
514Kb / 5P
   30 Watt | AC/DC Converter
List of Unclassifed Manufacturers
List of Unclassifed Man...
SVM12SB ETC2-SVM12SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
AIMTEC
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_1 Datasheet
770Kb / 3P
   40 Watt | AC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_1 Datasheet
590Kb / 4P
   40 Watt | AC-DC Converter
More results

Datasheet Page

1  2 


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz