Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY15B102QN Datasheet (PDF) - Infineon Technologies AG

CY15B102QN Datasheet PDF - Infineon Technologies AG
Part # CY15B102QN
Download  CY15B102QN Download

File Size   434.94 Kbytes
Page   43 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2Mb EXCELON??Auto Ferroelectric RAM (F-RAM)

CY15B102QN Datasheet (PDF)

Go To PDF Page Download Datasheet
CY15B102QN Datasheet PDF - Infineon Technologies AG

Part # CY15B102QN
Download  CY15B102QN Click to download

File Size   434.94 Kbytes
Page   43 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2Mb EXCELON??Auto Ferroelectric RAM (F-RAM)

CY15B102QN Datasheet (HTML) - Infineon Technologies AG

Back Button CY15B102QN Datasheet HTML 1Page - Infineon Technologies AG CY15B102QN Datasheet HTML 2Page - Infineon Technologies AG CY15B102QN Datasheet HTML 3Page - Infineon Technologies AG CY15B102QN Datasheet HTML 4Page - Infineon Technologies AG CY15B102QN Datasheet HTML 5Page - Infineon Technologies AG CY15B102QN Datasheet HTML 6Page - Infineon Technologies AG CY15B102QN Datasheet HTML 7Page - Infineon Technologies AG CY15B102QN Datasheet HTML 8Page - Infineon Technologies AG CY15B102QN Datasheet HTML 9Page - Infineon Technologies AG CY15B102QN Datasheet HTML 10Page - Infineon Technologies AG Next Button 

CY15B102QN Product details

Features
• 2Mb ferroelectric random access memory (F-RAM) logically organized as 256K × 8
- Virtually unlimited endurance of 10 trillion (1013) read/write cycles
- 121-year data retention (see Data retention and endurance)
- Infineon no delay technology writes
- Advanced high-reliability ferroelectric process
• Fast serial peripheral interface (SPI)
- Up to 50 MHz frequency
- Supports SPI mode 0 (0, 0) and mode 3 (1, 1)
• Sophisticated write protection scheme
- Hardware protection using the Write Protect (WP) pin
- Software protection using Write Disable (WRDI) instruction
- Software block protection for 1/4, 1/2, or entire array
• Device ID and Serial number
- Device ID includes manufacturer ID and product ID
- Unique ID
- Serial number
• Dedicated 256-byte special sector F-RAM
- Dedicated special sector write and read
- Stored content can survive up to 3 standard reflow soldering cycles
• Low-power consumption
- 3.7 mA (typ) active current at 40 MHz
- 2.7 μA (typ) standby current
- 1.1 μA (typ) Deep Power Down mode current
- 0.1 μA (typ) Hibernate mode current
• Low-voltage operation:
- CY15V102QN: VDD = 1.71 V to 1.89 V
- CY15B102QN: VDD = 1.8 V to 3.6 V
• Automotive operating temperature: –40°C to +125°C
• AEC-Q100 Grade 1 compliant
• 8-pin Small Outline Integrated Circuit (SOIC) package
• Restriction of hazardous substances (RoHS) compliant




Similar Part No. - CY15B102QN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B102QN CYPRESS-CY15B102QN Datasheet
341Kb / 32P
   Excelon??Auto 2-Mbit (256K 횞 8)Automotive-E Serial (SPI) F-RAM
More results


Similar Description - CY15B102QN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY15B104QSN INFINEON-CY15B104QSN Datasheet
1Mb / 118P
   4Mb EXCELON??Ultra Ferroelectric RAM (F-RAM)
Rev. *K 2022-02-01
CY15B116QSN INFINEON-CY15B116QSN Datasheet
1Mb / 106P
   16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial
Rev. *D 2022-01-24
CY15B116QN INFINEON-CY15B116QN Datasheet
353Kb / 36P
   16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 40MHz, industrial
Rev. E 2022-05-25
CY15B108QSN INFINEON-CY15B108QSN Datasheet
985Kb / 109P
   8Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (Quad SPI), 1024K × 8, 108MHz, industrial
Rev. D 2022-05-25
CY15B116QI INFINEON-CY15B116QI Datasheet
357Kb / 39P
   16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 20MHz, inrush current control, commercial
Rev. C 2022-05-25
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
CY15B102QN CYPRESS-CY15B102QN Datasheet
341Kb / 32P
   Excelon??Auto 2-Mbit (256K 횞 8)Automotive-E Serial (SPI) F-RAM
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com