Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ78L06-TO-92 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L06-TO-92 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # CJ78L06-TO-92
Download  CJ78L06-TO-92 Download

File Size   125.15 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description Three-terminal positive voltage regulator

CJ78L06-TO-92 Datasheet (PDF)

Go To PDF Page Download Datasheet
CJ78L06-TO-92 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ78L06-TO-92
Download  CJ78L06-TO-92 Click to download

File Size   125.15 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description Three-terminal positive voltage regulator

CJ78L06-TO-92 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L06-TO-92 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ78L06-TO-92 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L06-TO-92 Product details

Three-terminal positive voltage regulator

FEATURES
   Maximum Output current
      IOM: 0.1 A
   Output voltage
      Vo: 6 V
   Operating and storage junction temperature range
      TJ,Tstg: -55℃ to +150℃




Similar Part No. - CJ78L06-TO-92

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ78L06-TO92 ZPSEMI-CJ78L06-TO92 Datasheet
827Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulators
More results


Similar Description - CJ78L06-TO-92

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com