Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-638270300 Datasheet (PDF) - Molex Electronics Ltd.

ATS-638270300 Datasheet PDF - Molex Electronics Ltd.
Part # ATS-638270300
Download  ATS-638270300 Download

File Size   986.04 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 1.78mm (.070") Tab Female Crimp Terminals

ATS-638270300 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-638270300 Datasheet PDF - Molex Electronics Ltd.

Part # ATS-638270300
Download  ATS-638270300 Click to download

File Size   986.04 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 1.78mm (.070") Tab Female Crimp Terminals

ATS-638270300 Datasheet (HTML) - Molex Electronics Ltd.

ATS-638270300 Datasheet HTML 1Page - Molex Electronics Ltd. ATS-638270300 Datasheet HTML 2Page - Molex Electronics Ltd. ATS-638270300 Datasheet HTML 3Page - Molex Electronics Ltd. ATS-638270300 Datasheet HTML 4Page - Molex Electronics Ltd. ATS-638270300 Datasheet HTML 5Page - Molex Electronics Ltd. ATS-638270300 Datasheet HTML 6Page - Molex Electronics Ltd. ATS-638270300 Datasheet HTML 7Page - Molex Electronics Ltd.

ATS-638270300 Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomic soft grip handles for comfortable crimping
A precision user-friendly terminal locator wire stop holds terminals in the proper crimping position
Right and Left handed applications
Dies and Locator from this tool can be used in the Battery Powered Tool Order No.63816-0200 (110 V) or
63816-0250 (220 V), with the use of the 63816-0800 Crimp Head
Many different tool kits can be used with a single Battery Powered Crimp Tool
This tool is IPC/WHMA A-620 Class 2 compliant
This tool is RoHS compliant, however RoHS compliant is not required



Similar Part No. - ATS-638270300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-6382704HM MOLEX-ATS-6382704HM Datasheet
330Kb / 6P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
09-13-13
ATS-6382705HM MOLEX-ATS-6382705HM Datasheet
384Kb / 6P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
01-20-14
ATS-6382706HM MOLEX-ATS-6382706HM Datasheet
318Kb / 6P
   Hand Crimp Tool for .187 Receptacle Terminal
12-20-13
ATS-6382708HM MOLEX-ATS-6382708HM Datasheet
644Kb / 6P
   Hand Crimp Tool for 1.50mm Pitch Pico-Lock??Crimp Terminals
05-24-16
ATS-638270900 MOLEX-ATS-638270900 Datasheet
364Kb / 6P
   Hand Crimp Tool for Wire-to-Board Crimp Terminals
08-15-13
More results





About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com