Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10PL45-M3 Datasheet (PDF) - Vishay Siliconix

V10PL45-M3 Datasheet PDF - Vishay Siliconix
Part # V10PL45-M3_V01
Download  V10PL45-M3 Download

File Size   103.27 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier

V10PL45-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
V10PL45-M3 Datasheet PDF - Vishay Siliconix

Part # V10PL45-M3_V01
Download  V10PL45-M3 Click to download

File Size   103.27 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier

V10PL45-M3 Datasheet (HTML) - Vishay Siliconix

V10PL45-M3_V01 Datasheet HTML 1Page - Vishay Siliconix V10PL45-M3_V01 Datasheet HTML 2Page - Vishay Siliconix V10PL45-M3_V01 Datasheet HTML 3Page - Vishay Siliconix V10PL45-M3_V01 Datasheet HTML 4Page - Vishay Siliconix V10PL45-M3_V01 Datasheet HTML 5Page - Vishay Siliconix

V10PL45-M3 Product details

FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in low voltage high frequency DC/DC converters,
freewheeling, and polarity protection applications.

MECHANICAL DATA
Case: SMPC (TO-277A)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test




Similar Part No. - V10PL45-M3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10PL45-M3/86A VISHAY-V10PL45-M3/86A Datasheet
608Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 23-Feb-12
V10PL45-M3/87A VISHAY-V10PL45-M3/87A Datasheet
608Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 23-Feb-12
V10PL45-M3 VISHAY-V10PL45-M3_15 Datasheet
86Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
More results


Similar Description - V10PL45-M3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8PM15 VISHAY-V8PM15 Datasheet
107Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 4 A
Revision: 08-Nov-2018
V15K120C VISHAY-V15K120C Datasheet
135Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 02-Aug-2019
V15KM120C VISHAY-V15KM120C Datasheet
135Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 05-Aug-2019
V15KM150C VISHAY-V15KM150C Datasheet
135Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.59 V at IF = 5 A
Revision: 05-Aug-2019
V12PM15 VISHAY-V12PM15 Datasheet
95Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.60 V at IF = 6 A
Revision: 12-Feb-2020
V20PWM15C VISHAY-V20PWM15C_V01 Datasheet
144Kb / 6P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V15PM10 VISHAY-V15PM10_V01 Datasheet
111Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V15PM12 VISHAY-V15PM12_V01 Datasheet
111Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V35PW10 VISHAY-V35PW10_V01 Datasheet
133Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V8P15 VISHAY-V8P15_V01 Datasheet
101Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V8P45 VISHAY-V8P45_V01 Datasheet
105Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com