Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G00 Datasheet (PDF) - ON Semiconductor

MC74VHC1G00 Datasheet PDF - ON Semiconductor
Part # MC74VHC1G00_V01
Download  MC74VHC1G00 Download
File Size   182.61 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input NAND Gate

MC74VHC1G00 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1G00 Datasheet PDF - ON Semiconductor

Part # MC74VHC1G00_V01
Download  MC74VHC1G00 Click to download

File Size   182.61 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input NAND Gate

MC74VHC1G00 Datasheet (HTML) - ON Semiconductor


MC74VHC1G00 Product details

The MC74VHC1G00 / MC74VHC1GT00 is a 2−input NAND gate
in tiny footprint packages. The MC74VHC1G00 has CMOS−level
input thresholds while the MC74VHC1GT00 has TTL−level input
thresholds.
The input structures provide protection when voltages up to 5.5 V
are applied, regardless of the supply voltage. This allows the device to
be used to interface 5 V circuits to 3 V circuits. Some output structures
also provide protection when VCC = 0 V and when the output voltage
exceeds VCC. These input and output structures help prevent device
destruction caused by supply voltage − input/output voltage mismatch,
battery backup, hot insertion, etc.

Features
• Designed for 2.0 V to 5.5 V VCC Operation
• 3.5 ns tPD at 5 V (typ)
• Inputs/Outputs Over−Voltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 8 mA at 3.0 V
• Available in SC−88A, SC−74A, TSOP−5, SOT−553, SOT−953 and
UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - MC74VHC1G00_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G00XV5T2G ONSEMI-MC74VHC1G00XV5T2G Datasheet
205Kb / 14P
Single 2-Input NAND Gate
November, 2018 ??Rev. 22
More results


Similar Description - MC74VHC1G00_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
Single 2-Input NAND Gate
January, 2005 ??Rev. 9
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
Single 2-Input NAND Gate
April, 2016 ??Rev. 13
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
Single 2-Input NAND Gate
June, 2016 ??Rev. 3
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
Single 2-Input NAND Gate
November, 2018 ??Rev. 17
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
Single 2-input NAND gate
Rev. 13 - 8 February 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com