Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G03 Datasheet (PDF) - ON Semiconductor

MC74VHC1G03 Datasheet PDF - ON Semiconductor
Part # MC74VHC1G03
Download  MC74VHC1G03 Download

File Size   171.84 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input NOR Gate with Open Drain Output

MC74VHC1G03 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1G03 Datasheet PDF - ON Semiconductor

Part # MC74VHC1G03
Download  MC74VHC1G03 Click to download

File Size   171.84 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input NOR Gate with Open Drain Output

MC74VHC1G03 Datasheet (HTML) - ON Semiconductor

Back Button MC74VHC1G03 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 8Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 9Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC74VHC1G03 Product details

The MC74VHC1G03 / MC74VHC1GT03 is a 2−input NOR Gate
with an open drain output in tiny footprint packages.
The input structures provide protection when voltages up to 5.5 V
are applied, regardless of the supply voltage. This allows the device to
be used to interface 5 V circuits to 3 V circuits. Some output structures
also provide protection when VCC = 0 V and when the output voltage
exceeds VCC. These input and output structures help prevent device
destruction caused by supply voltage − input/output voltage mismatch,
battery backup, hot insertion, etc.

Features
• Designed for 2.0 V to 5.5 V VCC Operation
• 3.5 ns tPD at 5 V (typ)
• Inputs/Outputs Over−Voltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 8 mA at 3.0 V
• Available in SC−88A, SC−74A, TSOP−5, SOT−553, SOT−953 and
UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - MC74VHC1G03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G03 ONSEMI-MC74VHC1G03 Datasheet
194Kb / 8P
   2-Input NOR Gate with Open Drain Output
October, 1999 ??Rev. 0.0
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G03 ONSEMI-MC74VHC1G03 Datasheet
207Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 15
MC74VHC1G03DFT1 ONSEMI-MC74VHC1G03DFT1 Datasheet
194Kb / 8P
   2-Input NOR Gate with Open Drain Output
October, 1999 ??Rev. 0.0
More results


Similar Description - MC74VHC1G03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G03 ONSEMI-MC74VHC1G03 Datasheet
194Kb / 8P
   2-Input NOR Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G03DFT1G ONSEMI-MC74VHC1G03DFT1G Datasheet
84Kb / 6P
   Single 2?묲nput NOR Gate with Open Drain Output
January, 2007 ??Rev. 14
logo
Leshan Radio Company
L74VHC1GT03 LRC-L74VHC1GT03 Datasheet
215Kb / 6P
   2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com