Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0FLQ002.HXR Datasheet (PDF) - Littelfuse

0FLQ002.HXR Datasheet PDF - Littelfuse
Part # 0FLQ002.HXR
Download  0FLQ002.HXR Download

File Size   780.66 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FLQ SERIES MIDGET (10x38mm) FUSES

0FLQ002.HXR Datasheet (PDF)

Go To PDF Page Download Datasheet
0FLQ002.HXR Datasheet PDF - Littelfuse

Part # 0FLQ002.HXR
Download  0FLQ002.HXR Click to download

File Size   780.66 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FLQ SERIES MIDGET (10x38mm) FUSES

0FLQ002.HXR Datasheet (HTML) - Littelfuse

0FLQ002.HXR Datasheet HTML 1Page - Littelfuse 0FLQ002.HXR Datasheet HTML 2Page - Littelfuse 0FLQ002.HXR Datasheet HTML 3Page - Littelfuse 0FLQ002.HXR Datasheet HTML 4Page - Littelfuse 0FLQ002.HXR Datasheet HTML 5Page - Littelfuse

0FLQ002.HXR Product details

Description
The FLQ series 500 Vac time-delay fuses provide excellent
supplemental protection of control power transformers,
solenoids, and circuits with high inrush currents.

Features/Benefits
• Ideal for 480 Vac systems
• Time-Delay

Applications
• Control power transformers
• Solenoids
• Circuits with high inrush current

Specifications
Voltage Rating AC: 500 Vac or less
DC: 300 V
Amperage Rating 1/10 – 30 A
Interrupting Rating AC: 10 kA rms symmetrical
DC: 10 kA self-certified
Approvals AC: UL Listed (File: E10480)
CSA Certified (File: LR29862)
DC: Littelfuse self-certified
Environmental RoHS Compliant
Material: Body: Paper: 1/10A-5A
Melamine 5-6/10A-30A
Caps: Copper Alloy (Nickel plated)
Country of Origin Mexico




Similar Part No. - 0FLQ002.HXR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0FLQ002.H LITTELFUSE-0FLQ002.H Datasheet
780Kb / 5P
   500 Vac
More results


Similar Description - 0FLQ002.HXR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFPHV LITTELFUSE-LFPHV Datasheet
487Kb / 1P
   lFphv Dead-Front 10x38mm (Midget) fuse holders
LFPHV001 LITTELFUSE-LFPHV001 Datasheet
497Kb / 1P
   lFphv Dead-Front 10x38mm (Midget) fuse holders
logo
Cooper Bussmann, Inc.
DCM-4 COOPER-DCM-4 Datasheet
233Kb / 1P
   Midget Fuses, 600Vac/dc
DCM-7 COOPER-DCM-7 Datasheet
233Kb / 1P
   Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
   10x38mm photovoltaic fuses 1000Vdc, 1-30A
KLM-2 COOPER-KLM-2 Datasheet
235Kb / 1P
   Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
   Fast-Acting Midget Fuses
logo
Littelfuse
FLM LITTELFUSE-FLM Datasheet
35Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
KLKD LITTELFUSE-KLKD Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Midget
logo
Eaton All Rights Reserv...
PV-1A10F EATON-PV-1A10F Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com