Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5009A16DE1210 Datasheet (PDF) - Infineon Technologies AG

TLE5009A16DE1210 Datasheet PDF - Infineon Technologies AG
Part # TLE5009A16DE1210
Download  TLE5009A16DE1210 Download

File Size   1264.95 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Analog AMR/GMR Angle Sensors

TLE5009A16DE1210 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE5009A16DE1210 Datasheet PDF - Infineon Technologies AG

Part # TLE5009A16DE1210
Download  TLE5009A16DE1210 Click to download

File Size   1264.95 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Analog AMR/GMR Angle Sensors

TLE5009A16DE1210 Datasheet (HTML) - Infineon Technologies AG

Back Button TLE5009A16DE1210 Datasheet HTML 1Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 2Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 3Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 4Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 5Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 6Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 7Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 8Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 9Page - Infineon Technologies AG TLE5009A16DE1210 Datasheet HTML 10Page - Infineon Technologies AG Next Button 

TLE5009A16DE1210 Product details

Features
• Single and dual die sensor with AMR or GMR technology
• Separate supply pins for top and bottom sensor
• Low current consumption and quick start up
• 180°(AMR) and 360°(GMR) contactless angle measurement
• Output amplitude optimized for circuits with 3.3 V or 5 V supply voltage
• Immune to airgap variations due to MR based sensing principle
• Automotive qualified Q100, Grade 1: -40°C to 125°C (ambient temperature)
• Pre-amplified output signals for differential or single-ended applications
• Diverse redundance combination of GMR sensor and AMR sensor in one package possible
• High accuracy typically 0.1° overall angle error for AMR sensor
• Green product (RoHS compliant)




Similar Part No. - TLE5009A16DE1210

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5009A16 INFINEON-TLE5009A16 Datasheet
1Mb / 24P
   Available as single die and dual die with separate supplies for each die
Version 1.2 2017-10
More results


Similar Description - TLE5009A16DE1210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
   2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
logo
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
   Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
logo
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com