Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE5009A16DE2200 Datasheet (PDF) - Infineon Technologies AG

TLE5009A16DE2200 Datasheet PDF - Infineon Technologies AG
Part No. TLE5009A16DE2200
Download  TLE5009A16DE2200 Click to view

File Size   1264.95 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Analog AMR/GMR Angle Sensors

TLE5009A16DE2200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE5009A16DE2200 Datasheet PDF - Infineon Technologies AG

Part No. TLE5009A16DE2200
Download  TLE5009A16DE2200 Click to view

File Size   1264.95 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Analog AMR/GMR Angle Sensors

TLE5009A16DE2200 Datasheet (HTML) - Infineon Technologies AG

Back Button TLE5009A16DE2200 Datasheet HTML 1Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 2Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 3Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 4Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 5Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 6Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 7Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 8Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 9Page - Infineon Technologies AG TLE5009A16DE2200 Datasheet HTML 10Page - Infineon Technologies AG Next Button 

TLE5009A16DE2200 Product details

Features
• Single and dual die sensor with AMR or GMR technology
• Separate supply pins for top and bottom sensor
• Low current consumption and quick start up
• 180°(AMR) and 360°(GMR) contactless angle measurement
• Output amplitude optimized for circuits with 3.3 V or 5 V supply voltage
• Immune to airgap variations due to MR based sensing principle
• Automotive qualified Q100, Grade 1: -40°C to 125°C (ambient temperature)
• Pre-amplified output signals for differential or single-ended applications
• Diverse redundance combination of GMR sensor and AMR sensor in one package possible
• High accuracy typically 0.1° overall angle error for AMR sensor
• Green product (RoHS compliant)



Similar Part No. - TLE5009A16DE2200

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE5009A16 INFINEON-TLE5009A16 Datasheet
1Mb / 24P
   Available as single die and dual die with separate supplies for each die
Version 1.2 2017-10
More results

Similar Description - TLE5009A16DE2200

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
   2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Infineon Technologies AG
Infineon Technologies A...
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
   GMR Angle Sensor
March 2011
American Electronic Components, inc
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
Infineon Technologies AG
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
   Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
   GMR Angle Sensor
May 2010 V1.1
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz