Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C945L Datasheet (PDF) - AiT Semiconductor Inc.

C945L Datasheet PDF - AiT Semiconductor Inc.
Part # C945L
Download  C945L Download

File Size   456.88 Kbytes
Page   4 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V

C945L Datasheet (PDF)

Go To PDF Page Download Datasheet
C945L Datasheet PDF - AiT Semiconductor Inc.

Part # C945L
Download  C945L Click to download

File Size   456.88 Kbytes
Page   4 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V

C945L Datasheet (HTML) - AiT Semiconductor Inc.

C945L Datasheet HTML 1Page - AiT Semiconductor Inc. C945L Datasheet HTML 2Page - AiT Semiconductor Inc. C945L Datasheet HTML 3Page - AiT Semiconductor Inc. C945L Datasheet HTML 4Page - AiT Semiconductor Inc.

C945L Product details

DESCRIPTION
The
C945 is availab le in SOT 23 p ackage

FEATURES
 Power Dissipation
PCM: 0.2W (Tamb=25°C)
 Collector Current
ICM: 0.15A
 Collector-Base Voltage
V(BR)CBO: 60V
 Operating and Storage Junction Temperature Range
TJ, TSTG: -55 °C to +150°C
 Availabl e i n SOT 23 p ackage




Similar Part No. - C945L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
List of Unclassifed Man...
C945LT1 ETC1-C945LT1 Datasheet
128Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Weitron Technology
C945LT1 WEITRON-C945LT1 Datasheet
1Mb / 4P
   NPN Transistors
More results


Similar Description - C945L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
   General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
   General Purpose Transistor (-50V, -150mA)
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
   General purpose Transistor (50V, 150mA)
20221201 - Rev.002
2SA2029 ROHM-2SA2029 Datasheet
2Mb / 16P
   General Purpose Transistor (-50V, -150mA)
2SA2029 ROHM-2SA2029_13 Datasheet
646Kb / 13P
   PNP -150mA -50V General Purpose Transistors
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
   General purpose small signal amplifier(50V, 150mA)
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com